Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM1600OABT24 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # EM1600OABT24
Description  LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM1600OABT24 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  EM1600OABT24 Datasheet HTML 1Page - MRV Communications, Inc. EM1600OABT24 Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRV-LD-OAT
Rev.1 03-09
Copyright ©2009 MRV Communications, Inc. All Rights Reserved.
Parameter
Value
Units
Minimum
Typical
Typical
Maximum
Wavelength Range
1528
1563
nm
Maximum Output power
EM800/EM1600-OAIT17
EM800/EM1600-OAIT20
EM800/EM1600-OABT24
+17
+20
+24
dBm
Input power Range
EM800/EM1600-OAIT17
EM800/EM1600-OAIT20
EM800/EM1600-OABT24
-23
-25
-16
+3.5
+5
+10
dBm
Input/Output Isolation (Min)
30
dB
Signal Gain Range
EM800/EM1600-OAIT17
EM800/EM1600-OAIT20
EM800/EM1600-OABT24
12.5
10
7.5
23.5
25
22.5
dB
Gain Flatness at Specified Gain with GFF
+/-0.5
+/-1.0
dB
Noise Figure for Gain = 20 dB
5.0
5.5
dB
Noise Figure for Gain = 15 dB
8.0
9.0
dB
Optical Return Loss (at Input and Output ports)
40
dB
Polarization Mode Dispersion
0.3
0.5
dB
Polariziation Dependent Gain
+/-0.2
+/-0.5
dB
Transient Overshoot (10 dB Drop)
0.5
1.0
dB
Transient Suppression Time (10 dB Drop)
< 32
µs
Management
LEDs
WDM transmission laser status,Temperature status, Port
reception status, Port transmission status
Monitoring
Input power, Output power, Gain,Temperature
Alarm
Input power, Output power,Temperature
Technical Specifications
Operating Temperature
-5 oC - 45 oC
Storage Temperature
-10 oC - 70 oC
Relative Humidity
85% maximum, non-condensing
Dimensions (W x H x D) EM800 Type
EM1600 Type
54.18 mm (2.13 in) x 130.7 mm (5.14 in) x 227 mm (8.956 in) (2 slot wide)
54.18 mm (2.13 in) x 263.4 mm (10.37 in) x 227 mm (8.956 in) (2 slot wide)
Weight
EM800 Type
EM1600 Type
1.016 Kg (2.24Lb)
1.305 Kg (2.47Lb)
Connectors
+ 17 dBm & 20 dBm Type
+24 dBm
SC/UPC input and ouput
SC/UPC input , E2000APC output
Power consumption
+17 dBm & 20 dBm Type
+24 dBm
10 Watt
20 Watt
Environment Specifications
EM800-OABT24
Optical Booster Amplifier with tunable gain for the Lambda Driver-800 with +24dbm output
EM800-OABT24M
Optical Booster with tunable gain and Mid Stage for the Lambda Driver-800 +24dbm output
EM800-OAIT20
Optical In Line Amplifier with tunable gain for the Lambda Driver-800 with +20dbm output
EM800-OAIT20M
Optical In Line Amplifier with tunable gain and Mid Stage for the Lambda Driver-800 with +20dbm output
EM800-OAIT17
Optical In Line Amplifier with tunable gain for the Lambda Driver-800 with +17dbm output
EM800-OAIT17M
Optical In Line Amplifier with tunable gain and Mid Stage for the Lambda Driver-800 with +17dbm output
EM1600-OABT24
Optical Booster Amplifier with tunable gain for the Lambda Driver-1600 with +24dbm output
EM1600-OABT24M Optical Booster with tunable gain and Mid Stage for the Lambda Driver-1600 +24dbm output
EM1600-OAIT20
Optical In Line Amplifier with tunable gain for the Lambda Driver-1600 with +20dbm output
EM1600-OAIT20M
Optical In Line Amplifier with tunable gain and Mid Stage for the Lambda Driver-1600 with +20dbm output
EM1600-OAIT17
Optical In Line Amplifier with tunable gain for the Lambda Driver-1600 with +17dbm output
EM1600-OAIT17M
Optical In Line Amplifier with tunable gain and Mid Stage for the Lambda Driver-1600 with +17dbm output


Similar Part No. - EM1600OABT24

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM1600OAB MRV-EM1600OAB Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
EM1600OAB22P MRV-EM1600OAB22P Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
EM1600OAB22PM MRV-EM1600OAB22PM Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
EM1600OABM MRV-EM1600OABM Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
More results

Similar Description - EM1600OABT24

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM800-OAX MRV-EM800-OAX Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
MRV Communications, Inc...
EM316EA MRV-EM316EA Datasheet
842Kb / 4P
   EDFA Optical Amplifiers
EM800-DCMT14 MRV-EM800-DCMT14 Datasheet
358Kb / 2P
   LambdaDriver짰??Tunable Dispersion Compensation Module
logo
Linear Technology
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
API Technologies Corp
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com