Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATW2805SHB-SLV Datasheet(PDF) 7 Page - International Rectifier

Part # ATW2805SHB-SLV
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATW2805SHB-SLV Datasheet(HTML) 7 Page - International Rectifier

Back Button ATW2805SHB-SLV Datasheet HTML 2Page - International Rectifier ATW2805SHB-SLV Datasheet HTML 3Page - International Rectifier ATW2805SHB-SLV Datasheet HTML 4Page - International Rectifier ATW2805SHB-SLV Datasheet HTML 5Page - International Rectifier ATW2805SHB-SLV Datasheet HTML 6Page - International Rectifier ATW2805SHB-SLV Datasheet HTML 7Page - International Rectifier ATW2805SHB-SLV Datasheet HTML 8Page - International Rectifier ATW2805SHB-SLV Datasheet HTML 9Page - International Rectifier ATW2805SHB-SLV Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.irf.com
7
ATW28XXS Series
Table III. Electrical Performance Characteristics - continued
ATW2815S
Notes to Specifications
1
Parameter guaranteed by line and load regulation tests.
2
Bandwidth guaranteed by design. Tested for 20kHz to 2.0MHz.
3
For operation at 16 Vdc input, derate output power by 33%.
4 Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
5
Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limits specified in Table III.
6
An overload is that condition with a load in excess of the rated load but less than that necessary to
trigger the short circuit protection and is the condition of maximum power dissipation.
7
Load step transition time between 2.0
µs and 10µs.
8
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1.0% of VOUT at 50% load.
9
Input step transition time between 2.0
µs and 10µs.
10 Turn-on delay time measurement is for either a step application of power at the input or the removal of
ground signal from the inhibit pin (pin 2) while power is applied to the input.
Test
Symbol
Conditions
-55°C
Tc +125°C
Vin = 28 Vdc ±5%, CL = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Limits
Unit
Min
Max
Recovery time step
transient load
changes
7, 8
TTLOAD
50% load to/from 100% load
4
All
70
µs
5,6
100
No load to 50% load
4,5,6
1500
50% load to no load
4,5,6
5.0
ms
Output response to
transient step line
changes
5, 9
VOTLINE
Input step 17 to 40 Vdc
4,5,6
All
500
mVpk
Input step 40 to 17 Vdc
4,5,6
1500
Recovery time
transient line
changes
5, 8, 9
TTLINE
Input step 17 tp 40 Vdc
4,5,6
All
800
ms
Input step 40 to 17 Vdc
4,5,6
800
Turn on overshoot
VTonOS
IOUT = 0 and 1333mA
4,5,6
All
600
mVpk
Turn on delay
10
TonD
IOUT = 0 and 1333mA
4,5,6
All
10
ms
Load fault recovery
5
TrLF
4,5,6
All
10
ms
Weight
Flange
75
g


Similar Part No. - ATW2805SHB-SLV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATW2805S IRF-ATW2805S Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATW2805S IRF-ATW2805S Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW2805S/CH IRF-ATW2805S/CH Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATW2805S/CH-MSTR IRF-ATW2805S/CH-MSTR Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATW2805S/CH-MSTR IRF-ATW2805S/CH-MSTR Datasheet
157Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - ATW2805SHB-SLV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com