Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL2812DZHB Datasheet(PDF) 7 Page - International Rectifier

Part # AFL2812DZHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2812DZHB Datasheet(HTML) 7 Page - International Rectifier

Back Button AFL2812DZHB Datasheet HTML 3Page - International Rectifier AFL2812DZHB Datasheet HTML 4Page - International Rectifier AFL2812DZHB Datasheet HTML 5Page - International Rectifier AFL2812DZHB Datasheet HTML 6Page - International Rectifier AFL2812DZHB Datasheet HTML 7Page - International Rectifier AFL2812DZHB Datasheet HTML 8Page - International Rectifier AFL2812DZHB Datasheet HTML 9Page - International Rectifier AFL2812DZHB Datasheet HTML 10Page - International Rectifier AFL2812DZHB Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
7
AFL28XXD Series
A conservative aid to estimating the total heat sink surface
area (AHEAT SINK) required to set the maximum case
temperature rise (
∆T) above ambient temperature is given
by the following expression:
A HEAT SINK
∆T
P
80
30
085
143
.
.
.
where
∆T
PP
Eff
OUT
=
==
Case temperature rise above ambient
Device dissipation in Watts
1
1
T = 85 - 25 = 60°C
and the required heat sink area is
From the Specification Table, the worst case full load
efficiency for AFL2815D is 83% at 100W: thus, power
dissipation at full load is given by
Because of the incorporation of many innovative
technological concepts, the AFL series of converters is
capable of providing very high output power from a package
of very small volume. These magnitudes of power density
can only be obtained by combining high circuit efficiency
with effective methods of heat removal from the die junctions.
This requirement has been effectively addressed inside the
device; but when operating at maximum loads, a significant
amount of heat will be generated and this heat must be
conducted away from the case. To maintain the case
temperature at or below the specified maximum of 125°C,
this heat must be transferred by conduction to an
appropriate heat dissipater held in intimate contact with the
converter base-plate.
When operating in the shared mode, it is important that
symmetry of connection be maintained as an assurance of
optimum load sharing performance. Thus, converter outputs
should be connected to the load with equal lengths of wire of
the same gauge and should be connected to a common
physical point, preferably at the load along with the converter
output and return leads. All converters in a paralleled set
must have their share pins connected together. This
arrangement is diagrammatically illustrated in Figure III.
showing the output and return pins connected at a star
point which is located close as possible to the load.
As a consequence of the topology utilized in the current
sharing circuit, the share pin may be used for other functions.
In applications requiring only a single converter, the voltage
appearing on the share pin may be used as a “total current
monitor”. The share pin open circuit voltage is nominally
+1.00V at no load and increases linearly with increasing
total output current to +2.20V at full load. Note that the current
we refer to here is the total output current, that is, the sum
of the positive and negative outout currents.
1Sil-Pad is a registered Trade Mark of Bergquist, Minneapolis, MN
Thermal Considerations
Since the effectiveness of this heat transfer is dependent
on the intimacy of the baseplate/heatsink interface, it is
strongly recommended that a high thermal conductivity heat
transferring medium is inserted between the baseplate and
heatsink. The material most frequently utilized at the factory
during all testing and burn-in processes is sold under the
trade name of Sil-Pad
® 4001 . This particular product is an
insulator but electrically conductive versions are also
available. Use of these materials assures maximum surface
contact with the heat dissipater thereby compensating for
any minor surface variations. While other available types of
heat conductive materials and thermal compounds provide
similar effectiveness, these alternatives are often less
convenient and can be somewhat messy to use.
As an example, assume that it is desired to operate an
AFL2815D in a still air environment where the ambient
temperature is held to a constant +25°C while holding the
case temperature at T
C ≤ +85°C; then case temperature
rise is
()
P
=•
=•
=
100
1
83
1
100 0 205
20 5
.
.. W
A
=
60
80 20.5
in
HEAT SINK
0.85
−=
−143
2
30 56 3
.
..
Thus, a total heat sink surface area (including fins, if any) of
56 in2 in this example, would limit case rise to 60°C above
ambient. A flat aluminum plate, 0.25" thick and of approximate
dimension 4" by 7" (28 in2 per side) would suffice for this
application in a still air environment. Note that to meet the
criteria in this example, both sides of the plate require
unrestricted exposure to the +25°C ambient air.


Similar Part No. - AFL2812DZHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2812DZHB IRF-AFL2812DZHB Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DZHB IRF-AFL2812DZHB Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DZHB IRF-AFL2812DZHB Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2812DZHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com