Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD5300 Datasheet(PDF) 3 Page - Calogic, LLC

Part No. SD5300
Description  Quad DMOS Analog Switch Driver Improved Performance Over SD5000N and SD5400CY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CALOGIC [Calogic, LLC]
Homepage  http://www.calogic.net
Logo 

SD5300 Datasheet(HTML) 3 Page - Calogic, LLC

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD5300
CORPORATION
SWITCHING WAVEFORM
TEST CIRCUIT
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
td(on)
Turn-on Time
0.7
1.5
ns
RL = 680
Ω, RG = 51
tr
Rise Time
0.8
1.5
VDD = 5V
toff *
Turn-off Time
10.0
VG(on) = 10V
* toff is dependent on RL and C and does not depend on the device characteristics.
51
V
IN
TO
SCOPE
DD
+V
V
OUT
TO SCOPE
Input Pulse t
r ,t p <1nec
Rep rate = 1MHz
Sampling Scope
R
L
t
r <350psec
RIN = 1M
CIN = 2pF
90%
50%
10%
90%
50%
10%
10%
90%
t
r
t
OFF
+5V
OV
OV
V
IN
DD
+V
V
OUT
T
d (ON)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn