Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH25S2415EIC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NPH25S2415EIC
Description  Isolated 25W Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NPH25S2415EIC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NPH25S2415EIC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NPH25S2415EIC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NPH25S2415EIC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NPH25S2415EIC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NPH25S2415EIC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NPH25S2415EIC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NPH25S2415EIC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NPH25S2415EIC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NPH25S Series
Isolated 25W Single Output DC/DC Converters
KDC_NPH25S.H01 Page 2 of 8
www.murata-ps.com/support
CONTROL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage trimming range1
At rated load, trim control at either output
±10
%
Remote switch input (voltage relative to
input negative)1
Not operating
-15
0
1.5
V
Operating, open circuit voltage
9
10
11
Start delay
Time from application of valid input voltage to output being in specifi-
cation
25
50
ms
Synchronisation1
Specified drive signal
320
440
kHz
kHz
Switching frequency
330
350
395
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Case temperature
Full load
-40
110
ºC
Storage
Absolute Max. internal temperature
-40
125
Relative humidity
Non condensing 85ºC
85
%
Thermal protection
Operates at case temperature
110
ºC
THERMAL CHARACTERISTICS
UL 1950 recognition: Max. permissable loads for a given ambient temperature for any NPH25S model.
Temperature (ºC)
Power (W)
Temperature (ºC)
Power (W)
40
25.0
80
13.9
50
22.2
85
12.5
60
19.4
90
11.1
70
16.6
Max. power rating with case temperature maintained by external means (e.g. forced air cooling).
Part Number
Case Temperature
Units
100ºC
105ºC
110ºC
NPH25S2403XXX
24
20
15
W
NPH25S2405XXX
25
22
18
NPH25S2412XXX
30
24
21
NPH25S2415XXX
30
27
22
NPH25S4803XXX
25
20
16
W
NPH25S4805XXX
25
24
20
NPH25S4812XXX
30
29
24
NPH25S4815XXX
30
30
26
THERMAL PERFORMANCE
24V Input
48V Input
1. Optional - where fitted.


Similar Part No. - NPH25S2415EIC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH25S2415EIC MURATA-NPH25S2415EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
More results

Similar Description - NPH25S2415EIC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH25S2403EIC MURATA-NPH25S2403EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
logo
C&D Technologies
NPH25S CANDD-NPH25S Datasheet
139Kb / 2P
   Isolated 25W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
   Isolated 1.5W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com