Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV25T-101J-PF Datasheet(PDF) 7 Page - TDK Electronics

Part # NLV25T-101J-PF
Description  Inductors for High Frequency Circuits
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T-101J-PF Datasheet(HTML) 7 Page - TDK Electronics

Back Button NLV25T-101J-PF Datasheet HTML 3Page - TDK Electronics NLV25T-101J-PF Datasheet HTML 4Page - TDK Electronics NLV25T-101J-PF Datasheet HTML 5Page - TDK Electronics NLV25T-101J-PF Datasheet HTML 6Page - TDK Electronics NLV25T-101J-PF Datasheet HTML 7Page - TDK Electronics NLV25T-101J-PF Datasheet HTML 8Page - TDK Electronics NLV25T-101J-PF Datasheet HTML 9Page - TDK Electronics NLV25T-101J-PF Datasheet HTML 10Page - TDK Electronics NLV25T-101J-PF Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
(7/43)
INDUC
T
O
RS
001-01 / 20140227 / inductor_commercial_high-frequency_mhq_en.fm
• All specifications are subject to change without notice.
MHQ-Pseries 
MHQ0402P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Short bar residual inductance =0.556nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
(MHz)
Q
min.
Q measuring
frequency
(MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
:)
Rated current
(mA)
max.
Part No.
(nH)
Tolerance
min.
typ.
max.
typ.
1.6
±0.1nH
500
10
500
8.0
11.1
0.3
0.14
320
MHQ0402P1N6BT000
1.6
±0.2nH
500
10
500
8.0
11.1
0.3
0.14
320
MHQ0402P1N6CT000
1.6
±0.3nH
500
10
500
8.0
11.1
0.3
0.14
320
MHQ0402P1N6ST000
1.7
±0.1nH
500
10
500
8.0
10.7
0.3
0.15
320
MHQ0402P1N7BT000
1.7
±0.2nH
500
10
500
8.0
10.7
0.3
0.15
320
MHQ0402P1N7CT000
1.7
±0.3nH
500
10
500
8.0
10.7
0.3
0.15
320
MHQ0402P1N7ST000
1.8
±0.1nH
500
10
500
8.0
10.6
0.3
0.19
250
MHQ0402P1N8BT000
1.8
±0.2nH
500
10
500
8.0
10.6
0.3
0.19
250
MHQ0402P1N8CT000
1.8
±0.3nH
500
10
500
8.0
10.6
0.3
0.19
250
MHQ0402P1N8ST000
1.9
±0.1nH
500
10
500
8.0
10.6
0.4
0.25
250
MHQ0402P1N9BT000
1.9
±0.2nH
500
10
500
8.0
10.6
0.4
0.25
250
MHQ0402P1N9CT000
1.9
±0.3nH
500
10
500
8.0
10.6
0.4
0.25
250
MHQ0402P1N9ST000
2.0
±0.1nH
500
10
500
8.0
10.5
0.4
0.29
250
MHQ0402P2N0BT000
2.0
±0.2nH
500
10
500
8.0
10.5
0.4
0.29
250
MHQ0402P2N0CT000
2.0
±0.3nH
500
10
500
8.0
10.5
0.4
0.29
250
MHQ0402P2N0ST000
2.1
±0.1nH
500
10
500
6.0
8.9
0.4
0.20
250
MHQ0402P2N1BT000
2.1
±0.2nH
500
10
500
6.0
8.9
0.4
0.20
250
MHQ0402P2N1CT000
2.1
±0.3nH
500
10
500
6.0
8.9
0.4
0.20
250
MHQ0402P2N1ST000
2.2
±0.1nH
500
10
500
6.0
8.8
0.4
0.20
250
MHQ0402P2N2BT000
2.2
±0.2nH
500
10
500
6.0
8.8
0.4
0.20
250
MHQ0402P2N2CT000
2.2
±0.3nH
500
10
500
6.0
8.8
0.4
0.20
250
MHQ0402P2N2ST000
2.3
±0.1nH
500
10
500
6.0
8.4
0.4
0.17
200
MHQ0402P2N3BT000
2.3
±0.2nH
500
10
500
6.0
8.4
0.4
0.17
200
MHQ0402P2N3CT000
2.3
±0.3nH
500
10
500
6.0
8.4
0.4
0.17
200
MHQ0402P2N3ST000
2.4
±0.1nH
500
10
500
6.0
8.6
0.4
0.20
200
MHQ0402P2N4BT000
2.4
±0.2nH
500
10
500
6.0
8.6
0.4
0.20
200
MHQ0402P2N4CT000
2.4
±0.3nH
500
10
500
6.0
8.6
0.4
0.20
200
MHQ0402P2N4ST000
2.5
±0.1nH
500
10
500
6.0
8.3
0.4
0.20
200
MHQ0402P2N5BT000
2.5
±0.2nH
500
10
500
6.0
8.3
0.4
0.20
200
MHQ0402P2N5CT000
2.5
±0.3nH
500
10
500
6.0
8.3
0.4
0.20
200
MHQ0402P2N5ST000
2.6
±0.1nH
500
10
500
6.0
8.6
0.4
0.21
200
MHQ0402P2N6BT000
2.6
±0.2nH
500
10
500
6.0
8.6
0.4
0.21
200
MHQ0402P2N6CT000
2.6
±0.3nH
500
10
500
6.0
8.6
0.4
0.21
200
MHQ0402P2N6ST000
2.7
±0.1nH
500
10
500
6.0
8.0
0.4
0.21
200
MHQ0402P2N7BT000
2.7
±0.2nH
500
10
500
6.0
8.0
0.4
0.21
200
MHQ0402P2N7CT000
2.7
±0.3nH
500
10
500
6.0
8.0
0.4
0.21
200
MHQ0402P2N7ST000
2.8
±0.1nH
500
10
500
6.0
8.0
0.4
0.19
200
MHQ0402P2N8BT000
2.8
±0.2nH
500
10
500
6.0
8.0
0.4
0.19
200
MHQ0402P2N8CT000
2.8
±0.3nH
500
10
500
6.0
8.0
0.4
0.19
200
MHQ0402P2N8ST000
2.9
±0.1nH
500
10
500
6.0
8.3
0.4
0.22
200
MHQ0402P2N9BT000
Measurement item
Product No.
Manufacturer
L, Q
4991A+16196D
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
4338A
Yokogawa


Similar Part No. - NLV25T-101J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
178Kb / 3P
   Inductors (Coils)
NLV25T-101J-PF TDK-NLV25T-101J-PF_17 Datasheet
178Kb / 3P
   Inductors (Coils)
More results

Similar Description - NLV25T-101J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
MLG0603P TDK-MLG0603P Datasheet
59Kb / 3P
   Inductors for High-frequency Circuits
MHQ0402P0N2BT000 TDK-MHQ0402P0N2BT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P1N1ST000 TDK-MLG0603P1N1ST000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P15NGTD25 TDK-MHQ1005P15NGTD25 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L10NJT000 TDK-MLK0603L10NJT000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0402P0N7CT000 TDK-MHQ0402P0N7CT000 Datasheet
189Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ0603P0N6BT000 TDK-MHQ0603P0N6BT000 Datasheet
175Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MHQ1005P0N7BT000 TDK-MHQ1005P0N7BT000 Datasheet
208Kb / 20P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603S43NJTD25 TDK-MLG0603S43NJTD25 Datasheet
155Kb / 15P
   Inductors for High Frequency Circuits Multilayer Ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com