Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4610 Datasheet(PDF) 1 Page - 3M Electronics

Part # N4610
Description  3M??Surface Mount Header .100??횞 .100??High Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N4610 Datasheet(HTML) 1 Page - 3M Electronics

  N4610 Datasheet HTML 1Page - 3M Electronics N4610 Datasheet HTML 2Page - 3M Electronics N4610 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MSurface Mount Header
.100” × .100” High Temperature
N4600 Series
• Compliant gull wing leads make a reliable surface mount
connection which is easily inspectable
• Optional ejector latches
• Shrouded to prevent physical and chemical pin damage
• High temperature plastic for vapor phase reflow process
• Slotted mounting flanges for securing header to board
• Raised body for easy inspection and repair
• Leads are protected within the body shadow
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the “RoHS Compliance” section of
www.3Mconnectors.com for compliance information.
Date Modified: May 8, 2013
TS-0168-E
Sheet 1 of 3
Physical
Insulator
Material: Glass Filled Polyester (PCT)
Flammability: UL 94V‑0
Color: Black
Contact:
Material: Copper Alloy
Plating
Underplating: 100 µ” [ 2.54 µm ] Nickel
Wiping Area: 30 µ” [ 0.76 µm ] Gold
Solder Tails: 200 µ” [ 5.08 µm ] 60/40 Tin Lead or 300 µ” Matte Tin (See Ordering Information)
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating:
4.75 A, 1 Line Powered
2.25 A, 6 Adjacent Lines Powered
1.25 A, All Lines Powered
Rating Conditions: EIA‑364‑070 Method 2, 30°C maximum temperature rise,
20% derated.
Reference appropriate 3M Product Specification for detailed current derating curves.
Insulation Resistance:
>1 x 109 W at 500 V
DC
Withstanding Voltage:
1,000 V
RMS at Sea Level
Environmental
Temperature Rating: -55˚C to +105˚C
Process: 260˚C (per J‑STD‑020C)
Moisture Sensitivity Level: 1 (per J‑STD‑020C)
UL File No.: E68080


Similar Part No. - N4610

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N4610 3M-N4610 Datasheet
981Kb / 3P
   3M Surface Mount Header
More results

Similar Description - N4610

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3341-6 3M-3341-6 Datasheet
170Kb / 4P
   3M Pak 100 Header Accessories .100??횞 .100??Latch/Ejector
3431-D002 3M-3431-D002 Datasheet
910Kb / 5P
   3M??Three-Wall Condo Header .100 횞 .100 Right Angle
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight, Compliant Pin
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
   3M??Three-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
N4634-2300RB 3M-N4634-2300RB Datasheet
981Kb / 3P
   3M Surface Mount Header
3793 3M-3793 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
3000 3M-3000 Datasheet
682Kb / 5P
   3M??Pak 100 4-Wall Header
logo
Tyco Electronics
3-647166-5 MACOM-3-647166-5 Datasheet
169Kb / 1P
   MTA-100 HEADER ASSEMBLY, SURFACE MOUNT.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com