Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4701 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4701
Description  Very Low Power Consumption High Gain Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4701 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4701 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-4701 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Electrical Specifications
0
°C ≤ T
A ≤ 70°C, 4.5 V ≤ VCC ≤ 20 V, 1.6 mA ≤ IF(ON) ≤ 5 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, unless otherwise
specified. All Typicals at TA = 25°C. See note 8.
Device
Parameter
Symbol
HCPL-
Min. Typ.* Max.
Units
Test Conditions
Fig.
Note
Current
CTR
800
3500
25k
%
IF = 40 µA,
VO = 0.4 V
4, 5
2
Transfer
VCC = 4.5 V
600
3000
8k
IF = 0.5 mA,
VCC = 4.5 V
700
3200
25k
IF = 40 µA
500
2700
8k
IF = 0.5 mA
Logic Low
VOL
0.06
0.4
V
IF = 40 µA, IO = 280 µA
2, 3
0.04
0.4
IF = 0.5 mA, IO = 2.5 mA
Logic High
IOH
0.01
5
µAV
O = VCC = 3 to 7 V,
Output Current
IF = 0 mA
0.02
80
VO = VCC = 18 V,
IF = 0 mA
Logic Low
ICCL
4701/070A
0.02
0.2
mA
IF = 40 µAVO = Open
0.1
1
IF = 0.5 mA
4731/073A
0.04
0.4
IF = 40 µA
0.2
2.0
IF = 0.5 mA
Logic High
ICCH
4701/070A
<0.01
10
µAI
F = 0 mA
VO = Open
4731/073A
<0.01
20
Input Forward
VF
1.1
1.25
1.4
V
IF = 40 to 500 µA,
6
Voltage
TA = 25°C
0.95
1.5
IF = 40 to 500 µA
Input Reverse
BVR
3.0
5.0
V
IR = 100 µA, TA = 25°C
2.5
IR = 100 µA
Temperature
∆V
F/∆TA
-2.0
mV/
°CI
F = 40 µA
-1.6
IF = 0.5 mA
Input Capacitance
CIN
18
pF
f = 1 MHz, VF = 0 V
*All typical values at TA = 25°C and VCC = 5 V, unless otherwise noted.
Ratio
Supply Current
Supply Current
Output Voltage
Coefficient of
Forward Voltage
Breakdown
Voltage


Similar Part No. - HCPL-4701

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4701 HP-HCPL-4701 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
HCPL-4701 HP-HCPL-4701 Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4701 AVAGO-HCPL-4701 Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701 AVAGO-HCPL-4701 Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-4701 BOARDCOM-HCPL-4701 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - HCPL-4701

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com