Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH4002AN Datasheet(PDF) 3 Page - Calogic, LLC

Part # LH4002AN
Description  Wideband Video Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LH4002AN Datasheet(HTML) 3 Page - Calogic, LLC

  LH4002AN Datasheet HTML 1Page - Calogic, LLC LH4002AN Datasheet HTML 2Page - Calogic, LLC LH4002AN Datasheet HTML 3Page - Calogic, LLC LH4002AN Datasheet HTML 4Page - Calogic, LLC LH4002AN Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CORPORATION
AC ELECTRICAL CHARACTERISTICS
The following specifications apply for Supply Voltage =
±5V, VCM = 0, RL ≥ 100KΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25
oC.
SYMBOL
CHARACTERISTICS
TYP
LH4002A
LH4002
LH4002C
UNITS
CONDITIONS
Limit (Note 5)
Limit (Note 5)
Limit (Note 5)
SR1
Slew Rate 1
3000
2750
2500
2500
V/
µs
VIN =
±2V, RL = 50Ω (Note 2)
SR2
Slew Rate 2
2000
1750
1600
1500
VIN =
±4V, RL = 50Ω (Note 2)
SSBW
Small Signal
Bandwidth
300
250
220
200
MHz
RL = 50
Ω, VOUT = 100mVP-P
LSBW
Large Signal
Bandwidth
140
100
90
80
RL = 50
Ω, VOUT = 2VP-P
PBW
Power Bandwidth
130
100
90
80
RL = 50
Ω, VOUT = 4VP-P
tr, tf
Rise Time
Fall Time
1.2
1.5
1.7
1.8
ns
RL = 50
Ω, CL ≤ 10pF
VO = 100mVPP
tpd
Propagation Delay
Time
2.0
ns
RL = 50
Ω, CL ≤ 10pF
VO = 100mVPP
OS
Overshoot
10
%
RL = 50
Ω, CL ≤ 10pF
VO = 100mVPP
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
Note 2: Slew rate is measured with 50
Ω source impedance at 25oC. For accurate measurements, the input slew rate should be at least
5000V/
µs.
Note 3: The test circuit consists of the human body model of 120pF in series with 1500
Ω.
Note 4: The maximum power dissipation is a function of TJ(max),
θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/
θJA.
Note 5: Limits are guaranteed by testing, correlation or periodic characterization.
Note 6: For N package,
θJA is measured by soldering the unit directly on a printed circuit board and V- pins are connected to 2 square inches of 2
oz copper.
LH4002A / LH4002 / LH4002C
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076


Similar Part No. - LH4002AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4001 NSC-LH4001 Datasheet
127Kb / 6P
   Wideband Current Buffer
LH4001CN NSC-LH4001CN Datasheet
127Kb / 6P
   Wideband Current Buffer
LH4003 NSC-LH4003 Datasheet
184Kb / 6P
   Precision RF Closed Loop Buffer
LH4003C NSC-LH4003C Datasheet
184Kb / 6P
   Precision RF Closed Loop Buffer
LH4004 NSC-LH4004 Datasheet
233Kb / 6P
   WIDEBAND FET - INPUT BUFFER / AMPLIFIER
More results

Similar Description - LH4002AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
LMH6739 TI1-LMH6739 Datasheet
932Kb / 19P
[Old version datasheet]   Very Wideband, Low Distortion Triple Video Buffer
logo
National Semiconductor ...
LMH6739 NSC-LMH6739_07 Datasheet
418Kb / 12P
   Very Wideband, Low Distortion Triple Video Buffer
logo
Intersil Corporation
LMH6739 INTERSIL-LMH6739 Datasheet
418Kb / 12P
   Very Wideband, Low Distortion Triple Video Buffer
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
National Semiconductor ...
LMH6739 NSC-LMH6739 Datasheet
796Kb / 10P
   Very Wideband, Low Distortion Triple Video Buffer
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com