Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH4002AN Datasheet(PDF) 2 Page - Calogic, LLC

Part # LH4002AN
Description  Wideband Video Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LH4002AN Datasheet(HTML) 2 Page - Calogic, LLC

  LH4002AN Datasheet HTML 1Page - Calogic, LLC LH4002AN Datasheet HTML 2Page - Calogic, LLC LH4002AN Datasheet HTML 3Page - Calogic, LLC LH4002AN Datasheet HTML 4Page - Calogic, LLC LH4002AN Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CORPORATION
DC ELECTRICAL CHARACTERISTICS
The following specifications apply for Supply Voltage =
±5V, VCM = 0, RL ≥ 100KΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25
oC.
SYMBOL
CHARACTERISTICS
TYP
LH4002A
LH4002
LH4002C
UNITS
CONDITIONS
Limit
(Note 5)
Limit
(Note 5)
Limit
(Note 5)
AV1
Voltage Gain 1
0.99
0.96
0.95
0.95
0.95
0.95
0.95
V/V Min
RL = 1K, VIN =
±2V, RS = 10K
AV2
Voltage Gain 2
0.92
0.89
0.88
0.87
RL = 50
Ω, VIN = ±3V
AV3
Voltage Gain 3
0.92
0.89
0.87
0.87
RL = 50
Ω, VIN = ±2V
VOS
Offset Voltage
10
15
25
25
35
30
40
mV Max
RL = 50
Ω, RS = 150Ω
IB
Input Bias Current
1
10
20
15
30
20
40
µA Max
RL = 50
Ω, RS = 1KΩ
RIN
Input Resistance
0.3
M
RS = 10K, RL = 50
CIN
Input Capacitance
3.5
pF
RO
Output Resistance
3
10
10
10
10
10
10
Ω Max
RS = 10K, RL = 50
IS1
Supply Current 1
20
30
35
30
35
35
35
mA Max
RS = 10K, VIN = 0V, RL = 1K
VO1
Output Swing 1
2.4
2.2
2.2
2.2
2.2
2.2
2.2
±V Min
RS = 150
Ω, VIN = ±2.5V, RL = 50Ω
VO2
Output Swing 2
2.2
2
2
2
2
2
2
RS = 150
Ω, VIN = ±2.5V, RL = 1K
VO3
Output Swing 3
3.6
3.0
3.0
3.0
VPP Min
RS = 150
Ω, VIN = ±4.5V, RL = 50Ω
IOUT
Output Current
80
60
60
60
mA
VIN = 4V
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±10
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±Vsupply
Storage Temperature Range . . . . . . . . . . . .
-65
oC to +150oC
Lead Temperature
(Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . .
260
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . (Note 4)
ESD Tolerance (Note 3). . . . . . . . . . . . . . . . . . . . . . .
±2000V
Thermal Resistance (
θJA) (Note 6)
H Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
oC/W
N Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
oC/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . 150
oC
LH4002A / LH4002 / LH4002C
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076


Similar Part No. - LH4002AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4001 NSC-LH4001 Datasheet
127Kb / 6P
   Wideband Current Buffer
LH4001CN NSC-LH4001CN Datasheet
127Kb / 6P
   Wideband Current Buffer
LH4003 NSC-LH4003 Datasheet
184Kb / 6P
   Precision RF Closed Loop Buffer
LH4003C NSC-LH4003C Datasheet
184Kb / 6P
   Precision RF Closed Loop Buffer
LH4004 NSC-LH4004 Datasheet
233Kb / 6P
   WIDEBAND FET - INPUT BUFFER / AMPLIFIER
More results

Similar Description - LH4002AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
LMH6739 TI1-LMH6739 Datasheet
932Kb / 19P
[Old version datasheet]   Very Wideband, Low Distortion Triple Video Buffer
logo
National Semiconductor ...
LMH6739 NSC-LMH6739_07 Datasheet
418Kb / 12P
   Very Wideband, Low Distortion Triple Video Buffer
logo
Intersil Corporation
LMH6739 INTERSIL-LMH6739 Datasheet
418Kb / 12P
   Very Wideband, Low Distortion Triple Video Buffer
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
National Semiconductor ...
LMH6739 NSC-LMH6739 Datasheet
796Kb / 10P
   Very Wideband, Low Distortion Triple Video Buffer
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com