Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTPAD10 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SSTPAD10
Description  Low Leakage Pico Amp Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SSTPAD10 Datasheet(HTML) 1 Page - Calogic, LLC

  SSTPAD10 Datasheet HTML 1Page - Calogic, LLC SSTPAD10 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Leakage
Pico Amp Diodes
JPAD5 / JPAD10 / JPAD20 / JPAD50 / JPAD100 / JPAD200
SSTPAD5 / SSTPAD10 / SSTPAD20 / SSTPAD50 / SSTPAD100 / SSTPAD200
FEATURES
•• Low Leakage . . . . . . . . . . . . . . . . . . . . . . . . 5 pA (JPAD5)
•• High Breakdown Voltage . . . . . . . . . . . . . . . -60 V typical
•• Low Capacitance. . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 pf
APPLICATIONS
•• High Impedance Diode Switching
•• High Dynamic Range Log Amps
•• High Isolation Protection Circuits
DESCRIPTION
The JPAD series is a low leakage, high speed diode used for
input protection circuitry and fast switching. These devices
are housed in a plastic TO-92 package for automated high
speed assembly. The design and processing of this series
results in very low leakage and low capacitance making it an
excellennt choice vs conventional diodes.
ORDERING INFORMATION
Part
Package
Temperature Range
JPAD5-200
Plastic TO-92
-55
oC to +135oC
SSTPAD5-200
Plastic SOT-23
-55
oC to +135oC
XPAD5-200
Sorted Chips in Carriers -55
oC to +135oC
CORPORATION
PIN CONFIGURATION
SCHEMATIC DIAGRAM
A
C
TO-92
(MODIFIED)
PLASTIC
BOTTOM VIEW
A
C
A
C
PRODUCT MARKING (SOT-23)
SSTPAD5
T05
SSTPAD10
T10
SSTPAD20
T20
SSTPAD50
T50
SSTPAD100
T11
SSTPAD200
T21
SOT-23
A
C
5007, 5010
Note: Use only cathode "C" pin.


Similar Part No. - SSTPAD10

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SSTPAD10 LINEAR-SSTPAD10 Datasheet
209Kb / 2P
   PICO AMPERE DIODES
logo
New Jersey Semi-Conduct...
SSTPAD10 NJSEMI-SSTPAD10 Datasheet
99Kb / 2P
   PICO AMPERE DIODES
logo
Micross Components
SSTPAD10 MICROSS-SSTPAD10 Datasheet
267Kb / 1P
   Linear Systems replaces discontinued Siliconix SSTPAD10
logo
Linear Integrated Syste...
SSTPAD100 LINEAR-SSTPAD100 Datasheet
209Kb / 2P
   PICO AMPERE DIODES
logo
New Jersey Semi-Conduct...
SSTPAD100 NJSEMI-SSTPAD100 Datasheet
99Kb / 2P
   PICO AMPERE DIODES
More results

Similar Description - SSTPAD10

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
PAD1 CALOGIC-PAD1 Datasheet
24Kb / 2P
   Low Leakage Pico Amp Diodes
SSTPAD5 CALOGIC-SSTPAD5_15 Datasheet
29Kb / 2P
   Low Leakage Pico Amp Diodes
PAD CALOGIC-PAD_15 Datasheet
32Kb / 2P
   Low Leakage Pico Amp Diodes
logo
Vishay Siliconix
SSTPAD100-T1 VISHAY-SSTPAD100-T1 Datasheet
34Kb / 3P
   Low-Leakage Pico-Amp Diodes
Rev. H, 04-Jun-01
logo
Microsemi Corporation
MT5100 MICROSEMI-MT5100 Datasheet
47Kb / 2P
   PICO AMP LOW LEAKAGE DIODES
logo
Vishay Siliconix
PAD1-E3 VISHAY-PAD1-E3 Datasheet
34Kb / 3P
   Low-Leakage Pico-Amp Diodes
Rev. H, 04-Jun-01
logo
Calogic, LLC
JPAD5 CALOGIC-JPAD5_15 Datasheet
29Kb / 2P
   Low Leakage Pico Amp Diodes
logo
Micross Components
SSTPAD5_SOT-23 MICROSS-SSTPAD5_SOT-23 Datasheet
267Kb / 1P
   low leakage Pico-Amp Diode
SSTPAD100_SOT-23 MICROSS-SSTPAD100_SOT-23 Datasheet
267Kb / 1P
   low leakage Pico-Amp Diode
JPAD50_TO-92 MICROSS-JPAD50_TO-92 Datasheet
264Kb / 1P
   LOW LEAKAGE PICO-AMP DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com