Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH0033C Datasheet(PDF) 4 Page - Calogic, LLC

Part # LH0033C
Description  Fast Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LH0033C Datasheet(HTML) 4 Page - Calogic, LLC

  LH0033C Datasheet HTML 1Page - Calogic, LLC LH0033C Datasheet HTML 2Page - Calogic, LLC LH0033C Datasheet HTML 3Page - Calogic, LLC LH0033C Datasheet HTML 4Page - Calogic, LLC LH0033C Datasheet HTML 5Page - Calogic, LLC LH0033C Datasheet HTML 6Page - Calogic, LLC LH0033C Datasheet HTML 7Page - Calogic, LLC LH0033C Datasheet HTML 8Page - Calogic, LLC LH0033C Datasheet HTML 9Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LH0033 / LH0033C
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
TEMPERATURE (˚C)
8.0
4.0
-50
2.0
RISE AND FALL TIME
vs TEMPERATURE
6.0
150
0
0
50
100
tr
RL = 1k
RS = 50Ω
VS = ±15V
t f
TIME FROM POWER TURN-ON (MINUTES)
100
06
24
NORMALIZED INPUT BIAS
CURRENT DURING WARM-UP
1
810
10
TA
VS = ±15V
= 25˚C
TEMPERATURE (˚C)
10
050
25
INPUT BIAS CURRENT
vs TEMPERATURE
1
0.001
75
100
125
0.100
0.010
VS = ±10V
VS = ±15V
VS = ±5V
INPUT VOLTAGE (V)
10
4
86
INPUT BIAS CURRENT
vs INPUT VOLTAGE
20 -2
10
1.0
0.1
-6
-10
PULSE TESTED (TJ
VS = ±15V
= 25˚C)


Similar Part No. - LH0033C

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH0033C CALOGIC-LH0033C Datasheet
105Kb / 9P
   Fast Buffer
LH0033C CALOGIC-LH0033C Datasheet
84Kb / 9P
   Fast Buffer
LH0033CG CALOGIC-LH0033CG Datasheet
105Kb / 9P
   Fast Buffer
More results

Similar Description - LH0033C

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH0033CG CALOGIC-LH0033CG Datasheet
105Kb / 9P
   Fast Buffer
logo
National Semiconductor ...
LH4008 NSC-LH4008 Datasheet
219Kb / 7P
   Fast Buffer
LH4009 NSC-LH4009 Datasheet
193Kb / 7P
   FAST BUFFER
logo
Calogic, LLC
LH0033 CALOGIC-LH0033_15 Datasheet
84Kb / 9P
   Fast Buffer
logo
National Semiconductor ...
LH4010 NSC-LH4010 Datasheet
236Kb / 8P
   FAST FET BUFFER
logo
Elantec Semiconductor
ELH0033G ELANTEC-ELH0033G Datasheet
242Kb / 12P
   Fast Buffer Amplifier
logo
National Semiconductor ...
LH4033C NSC-LH4033C Datasheet
331Kb / 11P
   FAST AND ULTRA FAST BUFFER AMPLIFIERS
logo
Maxim Integrated Produc...
MAX460 MAXIM-MAX460 Datasheet
254Kb / 6P
   High Accuracy Fast Buffer
logo
National Semiconductor ...
LH4011 NSC-LH4011 Datasheet
222Kb / 8P
   FAST OPEN LOOP BUFFER
logo
Maxim Integrated Produc...
LH0063 MAXIM-LH0063 Datasheet
236Kb / 6P
   Very Fast Buffer Amplifiers
19-0888; Rev 2; 2/93
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com