Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6892STR1PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF6892STR1PBF
Description  DirectFET짰 MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6892STR1PBF Datasheet(HTML) 9 Page - International Rectifier

  IRF6892STR1PBF Datasheet HTML 1Page - International Rectifier IRF6892STR1PBF Datasheet HTML 2Page - International Rectifier IRF6892STR1PBF Datasheet HTML 3Page - International Rectifier IRF6892STR1PBF Datasheet HTML 4Page - International Rectifier IRF6892STR1PBF Datasheet HTML 5Page - International Rectifier IRF6892STR1PBF Datasheet HTML 6Page - International Rectifier IRF6892STR1PBF Datasheet HTML 7Page - International Rectifier IRF6892STR1PBF Datasheet HTML 8Page - International Rectifier IRF6892STR1PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF6892STR/TR1PbF
www.irf.com
9
Data and specifications subject to change without notice.
This product has been designed and qualified to MSL1 rating for the Consumer market.
Additional storage requirement details for DirectFET products can be found in application note AN1035 on IR’s Web site.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/2012
DirectFET®plus Tape & Reel Dimension (Showing component orientation).
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6892STRPBF). For 1000 parts on 7"
reel, order IRF6892STR1PBF
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
IMPERIAL
H
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
STANDARD OPTION (QTY 4800)
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
METRIC
G
F
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
TR1 OPTION (QTY 1000)
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
IMPERIAL
D
LOADED TAPE FEED DIRECTION
A
E
NOTE: C ON TROLLING
DIMEN SION S IN MM
CODE
A
B
C
D
E
F
G
H
B
IMPERIAL
MIN
0.311
0.154
0.469
0.215
0.158
0.197
0.059
0.059
MAX
8.10
4.10
12.30
5.55
4.20
5.20
N.C
1.60
MIN
7.90
3.90
11.90
5.45
4.00
5.00
1.50
1.50
METR IC
DIMEN SIONS
MAX
0.319
0.161
0.484
0.219
0.165
0.205
N.C
0.063
H
G
Note: For the most current drawing please refer to IR website at http://www.irf.com/package


Similar Part No. - IRF6892STR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6892STR1PBF IRF-IRF6892STR1PBF Datasheet
243Kb / 9P
   RoHS Compliant and Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com