Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6892STR1PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF6892STR1PBF
Description  DirectFET짰 MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6892STR1PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF6892STR1PBF Datasheet HTML 1Page - International Rectifier IRF6892STR1PBF Datasheet HTML 2Page - International Rectifier IRF6892STR1PBF Datasheet HTML 3Page - International Rectifier IRF6892STR1PBF Datasheet HTML 4Page - International Rectifier IRF6892STR1PBF Datasheet HTML 5Page - International Rectifier IRF6892STR1PBF Datasheet HTML 6Page - International Rectifier IRF6892STR1PBF Datasheet HTML 7Page - International Rectifier IRF6892STR1PBF Datasheet HTML 8Page - International Rectifier IRF6892STR1PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF6892STR/TR1PbF
6
www.irf.com
Fig 15a. Gate Charge Test Circuit
Fig 15b. Gate Charge Waveform
Fig 16b. Unclamped Inductive Waveforms
Fig 16a. Unclamped Inductive Test Circuit
Fig 17b. Switching Time Waveforms
Fig 17a. Switching Time Test Circuit
1K
VCC
DUT
0
L
S
20K
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
tp
V(BR)DSS
IAS
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
- VDD
VGS
VDS
VGS
90%
10%
td(off)
td(on)
tf
tr


Similar Part No. - IRF6892STR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6892STR1PBF IRF-IRF6892STR1PBF Datasheet
243Kb / 9P
   RoHS Compliant and Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com