Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6892STRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6892STRPBF
Description  DirectFET짰 MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6892STRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6892STRPBF Datasheet HTML 1Page - International Rectifier IRF6892STRPBF Datasheet HTML 2Page - International Rectifier IRF6892STRPBF Datasheet HTML 3Page - International Rectifier IRF6892STRPBF Datasheet HTML 4Page - International Rectifier IRF6892STRPBF Datasheet HTML 5Page - International Rectifier IRF6892STRPBF Datasheet HTML 6Page - International Rectifier IRF6892STRPBF Datasheet HTML 7Page - International Rectifier IRF6892STRPBF Datasheet HTML 8Page - International Rectifier IRF6892STRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
4/4/12
IRF6892STRPbF
IRF6892STR1PbF
DirectFET®
plus MOSFET with Schottky Diode ‚
Applicable DirectFET Outline and Substrate Outline

Typical values (unless otherwise specified)
ISOMETRIC
Description
The IRF6892SPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
the lowest on-state resistance in a package that has the footprint of a SO-8 and less than 0.7 mm profile. The DirectFET package is
compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques. Application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package
allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6892SPbF balances industry leading on-state resistance while minimizing gate charge along with low gate resistance to reduce both
conduction and switching losses. This part contains an integrated Schottky diode to reduce the Qrr of the body drain diode further reducing
the losses in a Synchronous Buck circuit. The reduced losses make this product ideal for high frequency/high efficiency DC-DC converters
that power high current loads such as the latest generation of microprocessors. The IRF6892SPbF has been optimized for parameters that
are critical in synchronous buck converter’s Sync FET sockets.
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 1.2mH, RG = 25Ω, IAS = 22A.
Notes:
PD - 97770
S3C
l RoHS Compliant and Halogen Free

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Control FET Application

l Compatible with existing Surface Mount Techniques

l 100% Rg tested
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
22
240
Max.
22
125
220
±16
25
28
V
A
D
G
D
S
S
S
S1
S2
S3C
M2
M4
L4
L6
L8
2
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
0.0
2.0
4.0
6.0
8.0
ID = 28A
TJ = 25°C
TJ = 125°C
0
10
20
304050
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
VDS= 5V
ID= 22A
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
17nC
6.0nC
2.3nC
39nC
16nC
1.8V
VDSS
VGS
RDS(on)
RDS(on)
25V max ±16V max 1.3mΩ @ 10V 2.0mΩ @ 4.5V


Similar Part No. - IRF6892STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6892STRPBF IRF-IRF6892STRPBF Datasheet
243Kb / 9P
   RoHS Compliant and Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com