Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6623TRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6623TRPBF
Description  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6623TRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF6623TRPBF Datasheet HTML 1Page - International Rectifier IRF6623TRPBF Datasheet HTML 2Page - International Rectifier IRF6623TRPBF Datasheet HTML 3Page - International Rectifier IRF6623TRPBF Datasheet HTML 4Page - International Rectifier IRF6623TRPBF Datasheet HTML 5Page - International Rectifier IRF6623TRPBF Datasheet HTML 6Page - International Rectifier IRF6623TRPBF Datasheet HTML 7Page - International Rectifier IRF6623TRPBF Datasheet HTML 8Page - International Rectifier IRF6623TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6623PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
2.5V
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 150°C
2.5V
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
ID = 15A
VGS = 10V
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
010
20
30
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 20V
VDS= 10V
ID= 11A
2.5
3.0
3.5
4.0
4.5
5.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
VDS = 10V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 150°C


Similar Part No. - IRF6623TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6623TRPBF IRF-IRF6623TRPBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6623TRPBF IRF-IRF6623TRPBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com