Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS0500D5S Datasheet(PDF) 1 Page - MTU Onsite Energy Corporation

Part # DS0500D5S
Description  DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DS0500D5S Datasheet(HTML) 1 Page - MTU Onsite Energy Corporation

  DS0500D5S Datasheet HTML 1Page - MTU Onsite Energy Corporation DS0500D5S Datasheet HTML 2Page - MTU Onsite Energy Corporation DS0500D5S Datasheet HTML 3Page - MTU Onsite Energy Corporation DS0500D5S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIESEl GENERATOR SET
AIR CHARGE-AIR COOlING
500 kVA/50 Hz/Standby (Fuel-Optimized)
380 - 415V
(Reference DP450D5S – Fuel optimized and DP450D5S – Exhaust optimized for prime rating technical data)
SYSTEM RATINGS
Standby
DS500D5S
DS500D5S
DS500D5S
Voltage (L-L)
380V
400V
415V
Phase
3
3
3
PF
0.8
0.8
0.8
Hz
50
50
50
kW
400
400
400
kVA
500
500
500
AMPS
760
722
696
Generator Model
572RSl7725
572RSl7725
572RSl7727
Temp Rise
150°C/40°C
150°C/40°C
150°C/40°C
Connection
4 lEAD HI WYE
4 lEAD HI WYE
4 lEAD HI WYE
//
low installation cost
//
Best fuel consumption values
//
long maintenance intervals
//
High-efficiency components
//
Best-in-class reliability and availability
BENEFITS
Optional equipment shown. Standard equipment may vary.
Power available up to 40°C/400 m


Similar Part No. - DS0500D5S

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0506 DAICO-DS0506 Datasheet
162Kb / 1P
   PIN Diode SP6T
More results

Similar Description - DS0500D5S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DS0330D5S MTU-DS0330D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS1000D5S MTU-DS1000D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS1250D5S MTU-DS1250D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS0400D5S MTU-DS0400D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DP0275D5S MTU-DP0275D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0300D5S MTU-DS0300D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
DS0850D5S MTU-DS0850D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
DS0715D5S MTU-DS0715D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DS0650D5S MTU-DS0650D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
DS1100D5S MTU-DS1100D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com