Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS30D6S Datasheet(PDF) 1 Page - MTU Onsite Energy Corporation

Part # DS30D6S
Description  DIESEL GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DS30D6S Datasheet(HTML) 1 Page - MTU Onsite Energy Corporation

  DS30D6S Datasheet HTML 1Page - MTU Onsite Energy Corporation DS30D6S Datasheet HTML 2Page - MTU Onsite Energy Corporation DS30D6S Datasheet HTML 3Page - MTU Onsite Energy Corporation DS30D6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIESEL GENERATOR SET
DS30D6S
30 kWe /60 Hz /Standby
208 - 600V
(Reference DP27D6S for Prime Rating Technical Data)
// 
Emissions – EPA Tier 4 Interim Certified
// 
Generator set is designed and manufactured in
facilities certified to standards ISO 9001:2008 and
ISO 14001:2004
// 
UL 2200 / CSA – Optional
– UL 2200 Listed
– CSA Certified
// 
Performance Assurance Certification (PAC)
- Generator Set Tested to ISO 8528-5 for Transient Response
- Verified product design, quality and performance integrity
- All engine systems are prototype and factory tested
// 
Power Rating
- Accepts Rated Load in One Step Per NFPA 110
CERTIFICATIONS AND STANDARDS
SYSTEM RATINGS
Standby
DS30D6SGT
DS30D6SDT
DS30D6SPT
DS30D6SJT
DS30D6SVT
DS30D6SRT
DS30D6SNT
Voltage (L-L)
240V**
240V**
208V**
240V**
380V**
480V**
600V**
Phase
1
1
3
3
3
3
3
PF
1.0
1.0
0.8
0.8
0.8
0.8
0.8
Hz
60
60
60
60
60
60
60
kW
30
27
31
31
31
31
31
kVA
30
27
38.75
38.75
38.75
38.75
38.75
Amps
125
112
107
93
59
46
37
skVA@30%
Voltage Dip
48
62
107
107
142
142
90
Generator
Model*
284PSL1708
283PSL1717
284PSL1708
284PSL1708
284PSL1708
284PSL1708
283PSL5251
Temp Rise
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
Connection
12 LEAD
12 LEAD
12 LEAD
12 LEAD
12 LEAD
DOUBLE DELTA
4 LEAD
LOW WYE
HI DELTA
HI WYE
HI WYE
4 LEAD WYE
** UL 2200 Offered


Similar Part No. - DS30D6S

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
logo
SICK AG
DS30-N1241 SICK-DS30-N1241 Datasheet
625Kb / 6P
   MID RANGE DISTANCE SENSORS
DS30-N1253 SICK-DS30-N1253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS30-N1255 SICK-DS30-N1255 Datasheet
688Kb / 6P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS30D6S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
   DIESEL GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
ADG0102D MTU-ADG0102D Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
DS250D6S MTU-DS250D6S Datasheet
287Kb / 4P
   DIESEL GENERATOR SET
DS350D6S MTU-DS350D6S Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
1600-XC6DT2-PRIME MTU-1600-XC6DT2-PRIME Datasheet
370Kb / 4P
   DIESEL GENERATOR SET
3250-XC6DT2-STANDBY MTU-3250-XC6DT2-STANDBY Datasheet
294Kb / 4P
   DIESEL GENERATOR SET
ADG0028D MTU-ADG0028D Datasheet
413Kb / 4P
   DIESEL GENERATOR SET
ADG152DGB MTU-ADG152DGB Datasheet
429Kb / 4P
   DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com