Electronic Components Datasheet Search |
|
DP275D6S Datasheet(PDF) 2 Page - MTU Onsite Energy Corporation |
|
DP275D6S Datasheet(HTML) 2 Page - MTU Onsite Energy Corporation |
2 / 4 page 2 /// / DP275D6S // Engine Air Cleaner Oil Pump Oil Drain Extension & S/O Valve Full Flow Oil Filters Closed Crankcase Ventilation Jacket Water Pump Thermostats Blower Fan & Fan Drive Radiator - Unit Mounted Electric Starting Motor - 24V Governor – Electronic Isochronous Base - Formed Steel SAE Flywheel & Bell Housing Charging Alternator - 24V Battery Box & Cables Flexible Fuel Connectors Flexible Exhaust Connection EPA Certified Engine // Generator NEMA MG1, IEEE and ANSI standards compliance for temperature rise and motor starting Sustained short circuit current of up to 300% of the rated current for up to 10 seconds Self-Ventilated and Drip-Proof Superior Voltage Waveform Digital, Solid State, Volts-per-Hertz Regulator No Load to Full Load Regulation Brushless Alternator with Brushless Pilot Exciter 4 Pole, Rotating Field 105 °C Maximum Prime Temperature Rise 1 Bearing, Sealed Flexible Coupling Full Amortisseur Windings 125% Rotor Balancing 3-Phase Voltage Sensing ±1% Voltage Regulation 100% of Rated Load - One Step 5% Maximum Total Harmonic Distortion // Digital Control Panel(s) Digital Metering Engine Parameters Generator Protection Functions Engine Protection CAN Bus ECU Communications Windows®-Based Software Multilingual Capability Remote Communications to RDP-110 Remote Annunciator 16 Programmable Contact Inputs Up to 11 Contact Outputs UL Recognized, CSA Certified, CE Approved Event Recording IP 54 Front Panel Rating with Integrated Gasket NFPA110 Compatible STANDARD EQUIPMENT* // MTU Onsite Energy is a single source supplier // Global Product Support // 2 Year Standard Warranty // 6R 1600 Diesel Engine - 10.5 Liter Displacement - Common Rail Fuel Injection - 4-Cycle // Engine-generator resilient mounted // Complete Range of Accessories // Generator - Brushless, Rotating Field Generator - 2/3 Pitch Windings - 300% Short Circuit Capability with Optional PMG // Digital Control Panel(s) - UL Recognized, CSA Certified, NFPA 110 - Complete System Metering - LCD Display // Cooling System - Integral Set-Mounted - Engine Driven Fan STANDARD FEATURES* * Represents standard product only. Consult Factory/MTU Onsite Energy Distributor for additional configurations. |
Similar Part No. - DP275D6S |
|
Similar Description - DP275D6S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |