Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWB5341 Datasheet(PDF) 2 Page - Calogic, LLC

Part # CWB5341
Description  Dual Monolithic CMOS/DMOS T Configuration Analog Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB5341 Datasheet(HTML) 2 Page - Calogic, LLC

  CWB5341 Datasheet HTML 1Page - Calogic, LLC CWB5341 Datasheet HTML 2Page - Calogic, LLC CWB5341 Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CWB5341
CORPORATION
ABSOLUTE MAXIMUM RATINGS
V-
Negative Supply Voltage . . . . . . . . . . . . . . . . . . . . -20V
V+
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . +20V
VIN
Control Input Voltage Range . . . . . . . . . . . . . . V+ +0.3V
V- -0.3V
IL
Continuous Current, any Pin except S or D. . . . . . 20mA
IS
Continuous Current, S or D . . . . . . . . . . . . . . . . . . 30mA
IS
Peak Pulsed Current, S or D, 80
µsec, 1%,
Duty Cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
TJ
Junction Temperature Range. . . . . . . . . . -55 to +125
oC
TS
Storage Temperature Range . . . . . . . . . . -55 to +125
oC
PD
Power Dissipation (derate at 12mW/
oC,
above +85
oC). . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
RECOMMENDED OPERATING CONDITIONS
V-
Negative Supply Voltage . . . . . . . . . . . . . . . -8.0 to -15V
V+
Positive Supply Voltage . . . . . . . . . . . . . . . +8.0 to +15V
VIN
Control Input Voltage Range . . . . . . . . . . . . . . 0 to +5V
VS
Analog Switch Voltage Range . . . . . . . . . . . -10 to +10V
TOP Operating Temperature . . . . . . . . . . . . . . . . 0 to +85
oC
ELECTRICAL CHARACTERISTICS (V- = -15V, V+ = +15V unless otherwise noted, TA = +25
oC)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
STATIC
VANALOG
Analog Signal Range
-10
+10
V
rDS(ON)
Channel ON Resistance
100
160
VS = -10V, IS = -1.0mA
110
160
VS = +2.0V, IS = +1.0mA
200
320
VS = +10V, IS = +1.0mA
VIH
Logic High Level Input Voltage
4.5
3.4
V
VIL
Logic Low Level Input Voltage
1.0
IIN
Logic Input Leakage Current
0.01
0.1
µA
VIN = +5.0V
0.02
0.1
VIN = +15V
ID(OFF)
Switch OFF Leakage Current
0.2
5.0
nA
VD = +10V, VS = -10V
IS(OFF)
0.4
5.0
VS = +10V, VD = -10V
I-
Negative Supply Quiescent Current
-0.1
-0.5
µAVIN = 0 or V+
I+
Positive Supply Quiescent Current
0.1
0.5
DYNAMIC
tON
Switch Turn-ON Time
150
250
nsec
VIN = 5.0V
tOFF
Switch Turn-OFF Time
120
220
OIRR
80
dB
f = 10MHz, RL = 50
CCRR
80
f = 10MHz, RL = 50
Frequency Roll-OFF (Bandwidth)
1.0
3.0
f = 50MHz, RL = 50
Cd
Drain-Node Capacitance
0.3
pF
VD = 0
f = 1MHz, VIN = 0
Cs
Source- Node Capacitance
3.0
VS = 0
ELECTRICAL CHARACTERISTICS (V- = -15V, V+ = +15V unless otherwise noted)
LIMITS AT TEMPERATURE EXTREMES
SYMBOL
PARAMETER
MAXIMUM @ TA =
UNITS
TEST CONDITIONS
+85
oC
STATIC
VANALOG
Analog Signal Range
±10
V
rDS(ON)
Switch ON Resistance
240
VS = -10V, IS = +1.0mA
240
VS = +2.0V, IS = +1.0mA
480
VS = +10V, IS = +1.0mA
IIN
Logic Input
Leakage Current
1.0
µA
VIN = +5.0V
2.0
VIN = +15V
ID(OFF)
Switch OFF
Leakage Current
100
nA
VD = +10V, VS = -10V
IS(OFF)
100
VS = +10V, VD = -10V
I-
Supply
Quiescent Current
-20
mA
VIN = 0 or V+
I+
20


Similar Part No. - CWB5341

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CP CALOGIC-CWB201CP Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB201CY CALOGIC-CWB201CY Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
CWB211CP CALOGIC-CWB211CP Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
More results

Similar Description - CWB5341

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
TEMIC Semiconductors
DG200A TEMIC-DG200A Datasheet
74Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
logo
Vishay Siliconix
DG200A VISHAY-DG200A Datasheet
43Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
DG200A_MIL VISHAY-DG200A_MIL Datasheet
59Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
18-Jul-08
logo
Maxim Integrated Produc...
DG200A MAXIM-DG200A Datasheet
179Kb / 6P
   Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
logo
Vishay Siliconix
DG200AMIL VISHAY-DG200AMIL Datasheet
56Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
DG200B VISHAY-DG200B Datasheet
103Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
Rev. C, 11-Jun-07
logo
Calogic, LLC
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
   100MHz CMOS/DMOS Wideband Analog Switch
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com