Electronic Components Datasheet Search |
|
CVA6629S Datasheet(PDF) 2 Page - Calogic, LLC |
|
CVA6629S Datasheet(HTML) 2 Page - Calogic, LLC |
2 / 9 page ABSOLUTE MAXIMUM RATINGS Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85V Storage Temperature . . . . . . . . . . . . . . . . . . -25 oC to +125oC Operating Temperature . . . . . . . . . . . . . . . . -20 oC to +100oC Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +300 oC CVA6629S FIGURE 1. TEST CIRCUIT VCC 1,5,9 CVA6629S 1/3 3,7,11 GND L1 VCC 2,6,10 INPUT C2 C1 R2 C3 R4 R5 R6 D1 D2 C4 C6 R1 = 15 Ω R2 = 430 Ω R4 = 200k R5 = 22 Ω R6 = 22 Ω C1 = VARIABLE 20 TO 150pF TYPICAL 68pF C2 = VARIABLE 4 to 20pF TYPICAL 17pF C3 = 75pF D1 = DS464 D2 = DS464 L1 = 150nH R1 OUTPUT 4,8,12 V OUT CL C4 = 10 µf/160V C6 = 0.01 µf/160V C = 10pF L 1Q-03 V IN DC ELECTRICAL CHARACTERISTICS VS = 80V, CL = 10pF, TCASE = +25 oC. See Figure 1. SYMBOL CHARACTERISTICS MIN TYP MAX UNITS ICC Supply Current 37 42 mA VIN DC Input DC Level 1.3 1.5 1.7 V VOUT DC Output DC Level 36 40 44 V AV Voltage Gain 10 12 14 V Gain Matching 0.2 dB AC ELECTRICAL CHARACTERISTICS VS = 80V, CL = 10pF, VOUT = 50VP-P, TCASE = +25 oC. See Figure 1. SYMBOL CHARACTERISTICS MIN TYP MAX UNITS tr Rise Time 2.8 3.5 ns tf Fall Time 2.7 3.5 ns BW Bandwidth 180 MHz Le Linearity 5 % OS Overshoot 4 % CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025 CORPORATION |
Similar Part No. - CVA6629S |
|
Similar Description - CVA6629S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |