Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS374N Datasheet(PDF) 6 Page - Motorola, Inc

Part # SN74LS374N
Description  OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS374N Datasheet(HTML) 6 Page - Motorola, Inc

  SN74LS374N Datasheet HTML 1Page - Motorola, Inc SN74LS374N Datasheet HTML 2Page - Motorola, Inc SN74LS374N Datasheet HTML 3Page - Motorola, Inc SN74LS374N Datasheet HTML 4Page - Motorola, Inc SN74LS374N Datasheet HTML 5Page - Motorola, Inc SN74LS374N Datasheet HTML 6Page - Motorola, Inc SN74LS374N Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5-526
FAST AND LS TTL DATA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. 751D01, AND 02 OBSOLETE, NEW STANDARD
751D03.
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
12.65
7.40
2.35
0.35
0.50
0.25
0.10
10.05
0.25
12.95
7.60
2.65
0.49
0.90
0.32
0.25
10.55
0.75
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0.395
0.010
0.510
0.299
0.104
0.019
0.035
0.012
0.009
0.415
0.029
1.27 BSC
0.050 BSC
-A-
-B-
P
10 PL
1
10
11
20
G
-T-
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
F
J
Case 751D-03 DW Suffix
20-Pin Plastic
SO-20 (WIDE)
B
0.25 (0.010) M
M
T
0.25 (0.010)
B
A
M
S
S
Case 732-03 J Suffix
20-Pin Ceramic Dual In-Line
NOTES:
1. LEADS WITHIN 0.25 mm (0.010) DIA., TRUE
POSITION AT SEATING PLANE, AT MAXIMUM
MATERIAL CONDITION.
2. DIM L TO CENTER OF LEADS WHEN FORMED
PARALLEL.
3. DIM A AND B INCLUDES MENISCUS.
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
23.88
6.60
3.81
0.38
1.40
0.51
0.20
3.18
25.15
7.49
5.08
0.56
1.65
1.27
0.30
4.06
0.25
0.940
0.260
0.150
0.015
0.055
0.020
0.008
0.125
0.990
0.295
0.200
0.022
0.065
0.050
0.012
0.160
15°
1.02
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
A
B
C
D
F
G
H
J
K
L
M
N
0.010
15°
0.040
B
C
D
G
H
J
M
N
A
L
20
11
1
10
SEATING
PLANE
K
F
Case 738-03 N Suffix
20-Pin Plastic
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
25.66
6.10
3.81
0.39
1.27
0.21
2.80
27.17
6.60
4.57
0.55
1.77
0.38
3.55
0.51
1.010
0.240
0.150
0.015
0.050
0.008
0.110
1.070
0.260
0.180
0.022
0.070
0.015
0.140
15°
1.01
1.27 BSC
2.54 BSC
7.62 BSC
0.050 BSC
0.100 BSC
0.300 BSC
A
B
C
D
E
F
G
J
K
L
M
N
0.020
15°
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L" TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION B" DOES NOT INCLUDE MOLD
FLASH.
5. 73802 OBSOLETE, NEW STANDARD 73803.
-A-
B
C
K
N
E
G
F
D 20 PL
J
20 PL
L
M
-T-
SEATING
PLANE
1
10
11
20
T A
0.25 (0.010) M
M
T B
0.25 (0.010) M
M


Similar Part No. - SN74LS374N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS374N ONSEMI-SN74LS374N Datasheet
98Kb / 8P
   Octal Transparent Latch with 3-State Outputs Octal D-Type Flip-Flop with 3-State Output
October, 2001 ??Rev. 8
logo
Texas Instruments
SN74LS374N TI-SN74LS374N Datasheet
331Kb / 24P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74LS374N TI-SN74LS374N Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74LS374N TI-SN74LS374N Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74LS374N TI1-SN74LS374N Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
More results

Similar Description - SN74LS374N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS373 ONSEMI-SN74LS373 Datasheet
98Kb / 8P
   Octal Transparent Latch with 3-State Outputs Octal D-Type Flip-Flop with 3-State Output
October, 2001 ??Rev. 8
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com