Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRN11024N4700J Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PRN11024N4700J
Description  Isolated Resistor Termination Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRN11024N4700J Datasheet(HTML) 2 Page - California Micro Devices Corp

  PRN11024N4700J Datasheet HTML 1Page - California Micro Devices Corp PRN11024N4700J Datasheet HTML 2Page - California Micro Devices Corp PRN11024N4700J Datasheet HTML 3Page - California Micro Devices Corp PRN11024N4700J Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 California Micro Devices Corp. All rights reserved.
10/25/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
PRN100/110
CALIFORNIA MICRO DEVICES
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pe
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
d
o
C
Rs
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
0
R
0
16
1C
I
O
S
w
o
r
r
a
NT
/
J
0
R
0
1
N
6
1
0
0
1
N
R
PR
/
J
0
R
0
1
N
6
1
0
0
1
N
R
PJ
0
R
0
1
N
6
1
0
0
1
N
R
P
0
R
2
26
1C
I
O
S
w
o
r
r
a
NT
/
J
0
R
2
2
N
6
1
0
0
1
N
R
PR
/
J
0
R
2
2
N
6
1
0
0
1
N
R
PJ
0
R
2
2
N
6
1
0
0
1
N
R
P
0
R
3
36
1C
I
O
S
w
o
r
r
a
NT
/
J
0
R
3
3
N
6
1
0
0
1
N
R
PR
/
J
0
R
3
3
N
6
1
0
0
1
N
R
PJ
0
R
3
3
N
6
1
0
0
1
N
R
P
0
R
9
36
1C
I
O
S
w
o
r
r
a
NT
/
J
0
R
9
3
N
6
1
0
0
1
N
R
PR
/
J
0
R
9
3
N
6
1
0
0
1
N
R
PJ
0
R
9
3
N
6
1
0
0
1
N
R
P
0
0
0
16
1C
I
O
S
w
o
r
r
a
NT
/
J
0
0
0
1
N
6
1
0
0
1
N
R
PR
/
J
0
0
0
1
N
6
1
0
0
1
N
R
PJ
0
0
0
1
N
6
1
0
0
1
N
R
P
0
0
3
36
1C
I
O
S
w
o
r
r
a
NT
/
J
0
0
3
3
N
6
1
0
0
1
N
R
PR
/
J
0
0
3
3
N
6
1
0
0
1
N
R
PJ
0
0
3
3
N
6
1
0
0
1
N
R
P
0
0
7
46
1C
I
O
S
w
o
r
r
a
NT
/
J
0
0
7
4
N
6
1
0
0
1
N
R
PR
/
J
0
0
7
4
N
6
1
0
0
1
N
R
PJ
0
0
7
4
N
6
1
0
0
1
N
R
P
1
0
0
16
1C
I
O
S
w
o
r
r
a
NT
/
J
1
0
0
1
N
6
1
0
0
1
N
R
PR
/
J
1
0
0
1
N
6
1
0
0
1
N
R
PJ
1
0
0
1
N
6
1
0
0
1
N
R
P
1
0
0
26
1C
I
O
S
w
o
r
r
a
NT
/
J
1
0
0
2
N
6
1
0
0
1
N
R
PR
/
J
1
0
0
2
N
6
1
0
0
1
N
R
PJ
1
0
0
2
N
6
1
0
0
1
N
R
P
1
0
7
46
1C
I
O
S
w
o
r
r
a
NT
/
J
1
0
7
4
N
6
1
0
0
1
N
R
PR
/
J
1
0
7
4
N
6
1
0
0
1
N
R
PJ
1
0
7
4
N
6
1
0
0
1
N
R
P
2
0
0
16
1C
I
O
S
w
o
r
r
a
NT
/
J
2
0
0
1
N
6
1
0
0
1
N
R
PR
/
J
2
0
0
1
N
6
1
0
0
1
N
R
PJ
2
0
0
1
N
6
1
0
0
1
N
R
P
0
R
0
16
1P
O
S
QT
/
J
0
R
0
1
6
1
0
1
1
N
R
PR
/
J
0
R
0
1
6
1
0
1
1
N
R
PJ
0
R
0
1
6
1
0
1
1
N
R
P
0
R
2
26
1P
O
S
QT
/
J
0
R
2
2
6
1
0
1
1
N
R
PR
/
J
0
R
2
2
6
1
0
1
1
N
R
PJ
0
R
2
2
6
1
0
1
1
N
R
P
0
R
3
36
1P
O
S
QT
/
J
0
R
3
3
6
1
0
1
1
N
R
PR
/
J
0
R
3
3
6
1
0
1
1
N
R
PJ
0
R
3
3
6
1
0
1
1
N
R
P
0
R
9
36
1P
O
S
QT
/
J
0
R
9
3
6
1
0
1
1
N
R
PR
/
J
0
R
9
3
6
1
0
1
1
N
R
PJ
0
R
9
3
6
1
0
1
1
N
R
P
0
0
0
16
1P
O
S
QT
/
J
0
0
0
1
6
1
0
1
1
N
R
PR
/
J
0
0
0
1
6
1
0
1
1
N
R
PJ
0
0
0
1
6
1
0
1
1
N
R
P
0
0
3
36
1P
O
S
QT
/
J
0
0
3
3
6
1
0
1
1
N
R
PR
/
J
0
0
3
3
6
1
0
1
1
N
R
PJ
0
0
3
3
6
1
0
1
1
N
R
P
0
0
7
46
1P
O
S
QT
/
J
0
0
7
4
6
1
0
1
1
N
R
PR
/
J
0
0
7
4
6
1
0
1
1
N
R
PJ
0
0
7
4
6
1
0
1
1
N
R
P
1
0
0
16
1P
O
S
QT
/
J
1
0
0
1
6
1
0
1
1
N
R
PR
/
J
1
0
0
1
6
1
0
1
1
N
R
PJ
1
0
0
1
6
1
0
1
1
N
R
P
1
0
0
26
1P
O
S
QT
/
J
1
0
0
2
6
1
0
1
1
N
R
PR
/
J
1
0
0
2
6
1
0
1
1
N
R
PJ
1
0
0
2
6
1
0
1
1
N
R
P
1
0
7
46
1P
O
S
QT
/
J
1
0
7
4
6
1
0
1
1
N
R
PR
/
J
1
0
7
4
6
1
0
1
1
N
R
PJ
1
0
7
4
6
1
0
1
1
N
R
P
2
0
0
16
1P
O
S
QT
/
J
2
0
0
1
6
1
0
1
1
N
R
PR
/
J
2
0
0
1
6
1
0
1
1
N
R
PJ
2
0
0
1
6
1
0
1
1
N
R
P
0
R
0
14
2P
O
S
QT
/
J
0
R
0
1
4
2
0
1
1
N
R
PR
/
J
0
R
0
1
4
2
0
1
1
N
R
PJ
0
R
0
1
4
2
0
1
1
N
R
P
0
R
2
24
2P
O
S
QT
/
J
0
R
2
2
4
2
0
1
1
N
R
PR
/
J
0
R
2
2
4
2
0
1
1
N
R
PJ
0
R
2
2
4
2
0
1
1
N
R
P
0
R
3
34
2P
O
S
QT
/
J
0
R
3
3
4
2
0
1
1
N
R
PR
/
J
0
R
3
3
4
2
0
1
1
N
R
PJ
0
R
3
3
4
2
0
1
1
N
R
P
0
R
9
34
2P
O
S
QT
/
J
0
R
9
3
4
2
0
1
1
N
R
PR
/
J
0
R
9
3
4
2
0
1
1
N
R
PJ
0
R
9
3
4
2
0
1
1
N
R
P
0
0
0
14
2P
O
S
QT
/
J
0
0
0
1
4
2
0
1
1
N
R
PR
/
J
0
0
0
1
4
2
0
1
1
N
R
PJ
0
0
0
1
4
2
0
1
1
N
R
P
0
0
3
34
2P
O
S
QT
/
J
0
0
3
3
4
2
0
1
1
N
R
PR
/
J
0
0
3
3
4
2
0
1
1
N
R
PJ
0
0
3
3
4
2
0
1
1
N
R
P
0
0
7
44
2P
O
S
QT
/
J
0
0
7
4
4
2
0
1
1
N
R
PR
/
J
0
0
7
4
4
2
0
1
1
N
R
PJ
0
0
7
4
4
2
0
1
1
N
R
P
1
0
0
14
2P
O
S
QT
/
J
1
0
0
1
4
2
0
1
1
N
R
PR
/
J
1
0
0
1
4
2
0
1
1
N
R
PJ
1
0
0
1
4
2
0
1
1
N
R
P
1
0
0
24
2P
O
S
QT
/
J
1
0
0
2
4
2
0
1
1
N
R
PR
/
J
1
0
0
2
4
2
0
1
1
N
R
PJ
1
0
0
2
4
2
0
1
1
N
R
P
1
0
7
44
2P
O
S
QT
/
J
1
0
7
4
4
2
0
1
1
N
R
PR
/
J
1
0
7
4
4
2
0
1
1
N
R
PJ
1
0
7
4
4
2
0
1
1
N
R
P
2
0
0
14
2P
O
S
QT
/
J
2
0
0
1
4
2
0
1
1
N
R
PR
/
J
2
0
0
1
4
2
0
1
1
N
R
PJ
2
0
0
1
4
2
0
1
1
N
R
P
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
-
N
O
N
)
e
l
p
m
a
x
E
(
0
0
1
N
R
P6
1
X
X
X
XT
s
e
i
r
e
S
t
r
a
Pt
n
u
o
C
n
i
Pe
d
o
C
e
u
l
a
Ve
c
n
a
r
e
l
o
T
C
I
O
S
-
0
0
1
N
R
Ps
n
i
p
-
6
1
=
6
1
.
e
u
l
a
v
t
n
a
c
i
f
i
n
g
i
s
e
r
a
s
t
i
g
i
d
3
t
s
r
i
F
)
t
n
i
o
p
l
a
m
i
c
e
d
s
e
t
a
c
i
d
n
i
R
(
r
e
b
m
u
n
s
t
n
e
s
e
r
p
e
r
t
i
g
i
d
h
t
r
u
o
F
.
w
o
ll
o
f
o
t
s
e
s
o
r
e
z
f
o
%
5
±
=
J
P
O
S
Q
-
0
1
1
N
R
Ps
n
i
p
-
6
1
=
6
1
%
2
±
=
G
s
n
i
p
-
4
2
=
4
2
%
1
±
=
F
California Micro Devices can develop a fully customized solution which embodies the configuration shown in this data sheet or modified to
suit specific application requirements. Very precise TCR, TCR tracking and resistor tolerances, and resistor-to-resistor ratio matching can
also be provided. A Non-Recurring Engineering (NRE) charge will apply for all fully customized requirements and a minimum order/lot will be
required.
Please direct your detailed circuit configuration and specification requirements to your local CMD representative or to the factory for a
quotation.


Similar Part No. - PRN11024N4700J

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN111161001JR CALMIRCO-PRN111161001JR Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN111161001JT CALMIRCO-PRN111161001JT Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN111161002JR CALMIRCO-PRN111161002JR Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN111161002JT CALMIRCO-PRN111161002JT Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
PRN111161101JR CALMIRCO-PRN111161101JR Datasheet
51Kb / 3P
   BUSSED RESISTOR NETWORK
More results

Similar Description - PRN11024N4700J

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NDC CALMIRCO-NDC Datasheet
86Kb / 1P
   ISOLATED RESISTOR NETWORK
logo
Bi technologies
BB1020DT BITECH-BB1020DT Datasheet
190Kb / 2P
   SCSI Termination Resistor network Low Voltage Differential (LVD)
logo
Welwyn Components Limit...
BB1020DT WELWYN-BB1020DT Datasheet
357Kb / 2P
   SCSI Termination Resistor network Low Voltage Differential (LVD)
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
   Resistor Network
4306T-L BOURNS-4306T-L Datasheet
30Kb / 2P
   Resistor Network
logo
California Micro Device...
PACRPI CALMIRCO-PACRPI Datasheet
124Kb / 3P
   P/Active 1% Tolerance Precision Isolated series Termination Network
logo
Bourns Electronic Solut...
4308T-L BOURNS-4308T-L Datasheet
30Kb / 2P
   Resistor Network
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com