Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVA2417 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CVA2417
Description  Improved Triple 85MHz CRT Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CVA2417 Datasheet(HTML) 1 Page - Calogic, LLC

  CVA2417 Datasheet HTML 1Page - Calogic, LLC CVA2417 Datasheet HTML 2Page - Calogic, LLC CVA2417 Datasheet HTML 3Page - Calogic, LLC CVA2417 Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Improved
Triple 85MHz CRT Driver
CVA2417TX
FEATURES
•• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85MHz
•• Fall Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.8ns
•• RiseTime. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.4ns
•• Swing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 VP-P
•• Excellent Gray Scale Linearity
•• Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V
•• Pin to Pin Compatible with CVA2415T
APPLICATIONS
•• CRT Driver for 1280 x 1024 and 1024 x 768 Color
Monitors
DESCRIPTION
The CVA2417TX is an improved version that features
excellent gray scale linearity with no crossover distortion and
less EMI. Designed especially to drive high resolution monitor
for resolution up to 1280 x 1024 (non-interlaced) with pixel
frequency up to 160MHz.
The part is housed in the industry standard 11-lead TO-220
molded power package. The heat sink is floating and may be
grounded for ease of manufacturing and RFI shielding.
ORDERING INFORMATION
Part
Package
Temperature
CVA2417TX
T11A
-20
oC to +100oC
CORPORATION
CONNECTION DIAGRAM AND SIMPLIFIED SCHEMATIC
V+
V
BIAS 3 (12V)
V
BIAS 2 (12V)
V
GND
V
V
BIAS 1 (12V)
V
OUT 3
IN 3
IN 2
OUT 2
OUT 1
IN 1
11
10
9
8
7
6
5
4
3
2
1
PIN 1 DESIGNATOR
T11A
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
1H-32
VOUT
VIN
3,4,10
1,6,8
2,7,9
VBIAS
V+
11
Not recommended for new design. See CVA2400A.


Similar Part No. - CVA2417

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2417TX CALOGIC-CVA2417TX Datasheet
22Kb / 1P
   CRT Driver Amplifiers
More results

Similar Description - CVA2417

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2419TX CALOGIC-CVA2419TX Datasheet
65Kb / 4P
   Triple 85MHz CRT Driver
CVA2415TZ CALOGIC-CVA2415TZ Datasheet
48Kb / 4P
   Improved Triple 75MHz CRT Driver
CVA2411TX CALOGIC-CVA2411TX Datasheet
50Kb / 4P
   Improved Low Cost Triple CRT Driver
CVA2411T CALOGIC-CVA2411T Datasheet
130Kb / 10P
   Improved Low Cost Triple CRT Driver
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
CVA6627S CALOGIC-CVA6627S Datasheet
47Kb / 4P
   Triple 140MHz CRT Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com