Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RDHA710SE10A2F Datasheet(PDF) 13 Page - International Rectifier

Part No. RDHA710SE10A2F
Description  Neutron Test Report
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHA710SE10A2F Datasheet(HTML) 13 Page - International Rectifier

Back Button RDHA710SE10A2F Datasheet HTML 9Page - International Rectifier RDHA710SE10A2F Datasheet HTML 10Page - International Rectifier RDHA710SE10A2F Datasheet HTML 11Page - International Rectifier RDHA710SE10A2F Datasheet HTML 12Page - International Rectifier RDHA710SE10A2F Datasheet HTML 13Page - International Rectifier RDHA710SE10A2F Datasheet HTML 14Page - International Rectifier RDHA710SE10A2F Datasheet HTML 15Page - International Rectifier RDHA710SE10A2F Datasheet HTML 16Page - International Rectifier RDHA710SE10A2F Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
205 Crawford St, Leominster, Ma 01453
Tel: 976-534-5776
www.irf.com
13
Automatic Test
Tester: PXI TEST CONSOLE 04-134-TC
Prog.
Ref.
Test
Symbol
Test Conditions
Rad Level:
MIN
MAX
Units
This is proprietary information of International
Rectifier Hi-Rel Products and it is understood
that this will not be divulged to a third party
or used in any way prejudicial to the interest
of International Rectifier Hi-Rel Products.
VDD = 5.0V, IN1 = 0V,
IN2 = 3.3V, VS = 30V,
RLC = 7Ω / 100uF,
PW = 50mS
VDD = 5.0V, IN1 = 0V,
IN2 = 0V, VS = 30V,
RLC = 7Ω / 100uF,
PW = 50mS
1
mS
mS
In Supply Curr
IDin
VDD = 5.0V, IN1 = IN2 = 3.3V
Table 2: Post Radiation Tests, 25C tests only
uA
-1
Notes
B
In Supply Curr
Iqin
VDD = 5.0V, IN1 = IN2 = 0V
Post rad
Post rad
----
B
Output Leakage
IOleak1
VDD = 5.0V, IN1 = 0.1V,
IN2 = 0V, VO1 = 100V
Post rad
B
50
mA
B
In Buffer Curr
IHSS1
VDD = 5.0V, IN1 = 3.3V,
IN2 = 0V
Post rad
-1
1
uA
B
In Buffer Curr
IHSS2
VDD = 5.0V, IN1 = 0V,
IN2 = 3.3V
Post rad
-1
1
uA
----
25
uA
B
Output Leakage
IOleak2
VDD = 5.0V, IN1 = 0V,
IN2 = 0.1V, VO2 = 100V
Post rad
----
25
uA
B
Output ON
Resistance
RDSon1
VDD = 5.0V, IN1 = 3.3V,
IN2 = 0V, IO1 = 10A
Post rad
----
100
mΩ
----
100
mΩ
B
Output ON
Resistance
RDSon2
VDD = 5.0V, IN1 = 0V,
IN2 = 3.3V, IO2 = 10A
----
0.45
mS
Post rad
B
Rise Time
tr1
Post rad
VDD = 5.0V, IN1 = 3.3V,
IN2 = 0V, VS = 30V,
RLC = 7Ω / 100uF,
PW = 50mS
B
Turn On Delay
ton1
Post rad
B
Turn Off Delay
toff1
Post rad
VDD = 5.0V, IN1 = 0V,
IN2 = 0V, VS = 30V,
RLC = 7Ω / 100uF,
PW = 50mS
----
0.40
mS
----
0.75
tr2
mS
B
Fall Time
tf1
Post rad
----
1.80
mS
B
Turn Off Delay
toff2
Post rad
Post rad
B
Turn On Delay
ton2
B
Rise Time
----
0.45
----
0.75
----
0.40
mS
B
Fall Time
tf2
Post rad
----
1.80
mS
Post rad


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn