Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RDHA710SE10A2F Datasheet(PDF) 4 Page - International Rectifier

Part No. RDHA710SE10A2F
Description  Neutron Test Report
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHA710SE10A2F Datasheet(HTML) 4 Page - International Rectifier

  RDHA710SE10A2F Datasheet HTML 1Page - International Rectifier RDHA710SE10A2F Datasheet HTML 2Page - International Rectifier RDHA710SE10A2F Datasheet HTML 3Page - International Rectifier RDHA710SE10A2F Datasheet HTML 4Page - International Rectifier RDHA710SE10A2F Datasheet HTML 5Page - International Rectifier RDHA710SE10A2F Datasheet HTML 6Page - International Rectifier RDHA710SE10A2F Datasheet HTML 7Page - International Rectifier RDHA710SE10A2F Datasheet HTML 8Page - International Rectifier RDHA710SE10A2F Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
205 Crawford St, Leominster, Ma 01453
Tel: 976-534-5776
www.irf.com
4
3.3 Sample Size
Sample size shall be determined based on device type, characterization parameters. As a
minimum, the sample size shall meet the requirements of Mil-STD-883, method 1017. The
sample size for this test is 5 devices (10 circuits) and one device for a control sample.
4.0
Test Device
4.0 The following device is planned for Neutron characterization:
a. RDHA710SE10A2S
4.1 All devices shall be subjected to 160hrs of burn-in and verified for correct electrical
performance prior to arrival at UMRR.
4.2 The device leads will be open during this test and all parts shall be contained inside a
conductive ESD bag during irradiation.
5.0
Test Method
MIL-STD-883, Method 1017 shall be used to establish procedure for all testing described herein.
6.0
Neutron Source
The nuclear reactor at Lowell, Mass is capable of providing fast neutron flux level > 10
11 n/cm2 – s
with relatively low thermal fluence and gamma irradiation. The Fast Neutron Irradiator (FNI) offers
near uniform spectrum over a large cross-sectional area (12
11 x 1211 x 611). The dosimetry system
used to verify the radiation exposure was P-32, ASTM E-265.
7.0
Record Keeping
The Reactor facility shall provide dosimetry data for the FNI. IR will be responsible for collecting and
compiling the test data.
8.0
Test Procedure
International Rectifier shall control the following test procedure, based on Test Method 1017. IR’s
design engineering department shall be responsible for selecting the neutron fluence level the
product is exposed to.
The facility personnel shall be responsible for loading and moving the device container.
Exposure levels shall be 1E10 n/cm
2, 2E11 n/cm2, and 2E12 n/cm2.
Test Procedure - Table 1
Step
Description
Conditions
1
Pre test all devices prior to radiation exposure.
Per T090132G
2
Place all devices in ESD safe bag all device pins are
open
3
Place devices into the shielded container
Unbiased
4
Lower the container into the irradiation chamber
Facilities personnel
5
Expose the devices to pre-determined level
See exposure levels
6
Remove devices at completion of exposure time
Facilities personnel
7
Allow devices to decay to safe level
Facilities personnel
8
Test devices after post irradiation
Per T090132G
9
End test. Read and Record data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn