Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CVA2405T Datasheet(PDF) 1 Page - Calogic, LLC

Part No. CVA2405T
Description  Low Cost Triple CRT Driver
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CALOGIC [Calogic, LLC]
Homepage  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CVA2405T Datasheet(HTML) 1 Page - Calogic, LLC

  CVA2405T Datasheet HTML 1Page - Calogic, LLC CVA2405T Datasheet HTML 2Page - Calogic, LLC CVA2405T Datasheet HTML 3Page - Calogic, LLC CVA2405T Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Cost
Triple CRT Driver
CVA2405T
FEATURES
•• Rise/Fall Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0ns
•• Swing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65V
P-P
•• Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V
•• Excellent Gray Scale Linearity
•• Consistent EMI Performance
APPLICATIONS
•• CRT driver for up to 69kHz monitors with resolution up
to 1280 x 1024.
•• Excellent Gray Scale Linearity
DESCRIPTION
The CVA2405T contains three high impedance wideband
amplifiers, designed specifically to drive a CRT. It features no
crossover distortion for excellent gray scale linearity. This device
can
drive
monitors
with
resolutions
of
1280
x
1024
(non-interlaced) with pixel frequency of 160MHz.
The part is housed in the industry standard 11-lead TO-220
molded power package. The heat sink is grounded.
ORDERING INFORMATION
Part
Package
Temperature
CVA2405T
T11A
-20
oC to +100oC
CORPORATION
CONNECTION DIAGRAM AND SIMPLIFIED SCHEMATIC
OUT
OUT
11
10
9
8
7
6
5
4
3
2
1
IN
TOP VIEW
T11A PACKAGE
V
V
V
V
BIAS
VCC
1P-12
OUT
V
IN
V
IN
V
GND = TAB
1
2
3
3
2
1
GND
GND
GND
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
1P-13
9
VCC
1,3,5
VBIAS
VOUT
11,9,8
VIN
R1
R4
R 5
R 2
10
R 3
R 6
R1
TAB = GND
2,4,7


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CVA2411TXImproved Low Cost Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA2415Low Cost Triple 65MHz CRT Driver 1 2 3 4 Calogic, LLC
CVA2412AXLow Cost 100MHz Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA2422TLLow Cost Triple CRT Driver 1 2 3 4 5 Calogic, LLC
CVA3404TLow Cost Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA3405TLow Cost Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA3407TLow Cost Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA2400ALow Cost Triple CRT Driver 1 2 3 4 5 Calogic, LLC
CVA2400TLow Cost Triple CRT Driver 1 2 3 4 Calogic, LLC
CVA2401TLow Cost Triple CRT Driver 1 2 3 4 5 Calogic, LLC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn