Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM2951ACS-X Datasheet(PDF) 9 Page - Calogic, LLC

Part # CLM2951ACS-X
Description  150mA Low Dropout Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2951ACS-X Datasheet(HTML) 9 Page - Calogic, LLC

Back Button CLM2951ACS-X Datasheet HTML 2Page - Calogic, LLC CLM2951ACS-X Datasheet HTML 3Page - Calogic, LLC CLM2951ACS-X Datasheet HTML 4Page - Calogic, LLC CLM2951ACS-X Datasheet HTML 5Page - Calogic, LLC CLM2951ACS-X Datasheet HTML 6Page - Calogic, LLC CLM2951ACS-X Datasheet HTML 7Page - Calogic, LLC CLM2951ACS-X Datasheet HTML 8Page - Calogic, LLC CLM2951ACS-X Datasheet HTML 9Page - Calogic, LLC CLM2951ACS-X Datasheet HTML 10Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
+V
IN
CLM2951
FB
4
1E-25
GND
8
5
SYSTEM OVER TEMPERATURE PROTECTION CIRCUIT
AUX SHUTDOWN
INPUT
+V
IN
AS35
5 DEGREE SHUTDOWN FLAG
VOUT
1
EXTERNAL CIRCUIT
PROTECTED FROM
OVER TEMPERATURE
(V+ GOES OFF WHEN
TEMP > 125)
OR
TEMP
SENSOR
7
+
3
ERROR
SD
10K
ON
OFF
RELAY
8.2K
TYPICAL APPLICATIONS (continued)
CLM2951
4
1E-26
GND
8
1
OPEN CIRCUIT DETECTOR FOR 4mA TO 20mA CURRENT LOOP
7
FB
2
4
20mA
IN4001
360K
0.1
µF
IN457
OUTPUT
4.7mA
+5v
MIN VOLTAGE = 4V
+V
IN
V
OUT
CLM2951
4.7
µF
LOAD 50mA
TO 300mA
OUTPUT
5V
1
2
SENSE
GND
5
UNREGULATED INPUT
3
300mA REGULATOR WITH 0.75 DROPOUT
74
2N5432
27K
330K
IN
1E-27
V
TAP
FB
V
OUT
+
CLM2950 / CLM2951
CORPORATION


Similar Part No. - CLM2951ACS-X

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
CLM2930-3 CALOGIC-CLM2930-3 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
CLM2930-33 CALOGIC-CLM2930-33 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
CLM2930-4 CALOGIC-CLM2930-4 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
CLM2930A CALOGIC-CLM2930A Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
More results

Similar Description - CLM2951ACS-X

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
PJ2950 ETC1-PJ2950 Datasheet
106Kb / 7P
   150mA Low Dropout Voltage Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com