Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM4302 Datasheet(PDF) 5 Page - Calogic, LLC

Part # CLM4302
Description  Low Power, 400MHz High Speed Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4302 Datasheet(HTML) 5 Page - Calogic, LLC

  CLM4302 Datasheet HTML 1Page - Calogic, LLC CLM4302 Datasheet HTML 2Page - Calogic, LLC CLM4302 Datasheet HTML 3Page - Calogic, LLC CLM4302 Datasheet HTML 4Page - Calogic, LLC CLM4302 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
FREQUENCY (MHz)
1
1000
0
-5
-10
10
100
-15
VS = ±15V
TA = 25˚C
VO = 100mV
RL = 100Ω
VOLTAGE GAIN vs FREQUENCY FOR
VARIOUS CAPACITIVE LOADS, R = 100
L
CL = 0pF
CL = 50pF
CL
CL
= 200pF
= 470pF
± SUPPLY VOLTAGE (VOLTS)
2
SUPPLY CURRENT
vs SUPPLY VOLTAGE
10
8
6
4
2
614
0
10
18
48
16
12
20
TA = 25˚C
± SUPPLY VOLTAGE (VOLTS)
SLEW RATE
vs SUPPLY VOLTAGE
25000
20000
15000
10000
5000
515
0
10
20
RL = 100Ω
TA = 25˚C
VS = ±15V
CLM4102 / CLM4302
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076


Similar Part No. - CLM4302

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4321 CALOGIC-CLM4321 Datasheet
58Kb / 6P
   High Speed Buffer
CLM4321M CALOGIC-CLM4321M Datasheet
58Kb / 6P
   High Speed Buffer
CLM4321N CALOGIC-CLM4321N Datasheet
58Kb / 6P
   High Speed Buffer
CLM4322 CALOGIC-CLM4322 Datasheet
50Kb / 4P
   4mW, 180MHz, 2000V/Us High Speed Buffer
CLM4322M CALOGIC-CLM4322M Datasheet
50Kb / 4P
   4mW, 180MHz, 2000V/Us High Speed Buffer
More results

Similar Description - CLM4302

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA4401 CALOGIC-CVA4401 Datasheet
27Kb / 2P
   Low Power, 400MHz High Speed Triple Buffer
CVA4403N CALOGIC-CVA4403N Datasheet
26Kb / 2P
   Low Power, 400MHz High Speed Triple Bufferwith Level Shifter
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
   High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
   High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
[Old version datasheet]   High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
[Old version datasheet]   High Speed Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com