Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM2951ACP-X Datasheet(PDF) 10 Page - Calogic, LLC

Part # CLM2951ACP-X
Description  150mA Low Dropout Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2951ACP-X Datasheet(HTML) 10 Page - Calogic, LLC

Back Button CLM2951ACP-X Datasheet HTML 2Page - Calogic, LLC CLM2951ACP-X Datasheet HTML 3Page - Calogic, LLC CLM2951ACP-X Datasheet HTML 4Page - Calogic, LLC CLM2951ACP-X Datasheet HTML 5Page - Calogic, LLC CLM2951ACP-X Datasheet HTML 6Page - Calogic, LLC CLM2951ACP-X Datasheet HTML 7Page - Calogic, LLC CLM2951ACP-X Datasheet HTML 8Page - Calogic, LLC CLM2951ACP-X Datasheet HTML 9Page - Calogic, LLC CLM2951ACP-X Datasheet HTML 10Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ERROR
GND
SHDN
5V TAP
SENSE
OUT
FEEDBACK
IN
R25
2.8
k
R23 60k
R21 8
R24
50k
R16
30k
R15
100k
R17
10
R13
100
k
R14
350
k
R22
150k
R17
12k
R28
60k
R27
182k
R18
20k
R26
60k
50k
10k
R3
50k
R4
13k
R30
30k
R5
180
k
R6
140
k
R9
27.8k
R2
50k
R1
20k
R8
31.4k
R10
150
k
R12
110
k
R11
18
k
R11
20.6
k
Q1
Q30 Q31
Q19
Q18
Q29
Q28
Q22
Q21
Q20
Q34
Q40
Q41
Q42
Q13
Q12
Q3
Q4
Q7
Q8
Q9
Q6
Q15A
Q15B
Q16
Q17
Q14
Q25
Q24
Q23
Q11
Q38
Q37
Q36
Q39
Q26
Q2
Q5
C1
20pF
C2
40pF
1E-28
10
SCHEMATIC DIAGRAM
CLM2950 / CLM2951
CORPORATION
Information furnished by Calogic is believed to be accurate and reliable. However, no responsibility is assumed for its use: nor for any infringement of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent rights of Calogic.
CALOGIC CORPORATION , 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


Similar Part No. - CLM2951ACP-X

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
CLM2930-3 CALOGIC-CLM2930-3 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
CLM2930-33 CALOGIC-CLM2930-33 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
CLM2930-4 CALOGIC-CLM2930-4 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
CLM2930A CALOGIC-CLM2930A Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
More results

Similar Description - CLM2951ACP-X

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
PJ2950 ETC1-PJ2950 Datasheet
106Kb / 7P
   150mA Low Dropout Voltage Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com