Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT957 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. FZT957
Description  SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
SOT223 PNP SILICON PLANAR HIGH CURRENT
(HIGH PERFORMANCE) TRANSISTORS
ISSUE 3 - JANUARY 1996
FEATURES
* 1 Amp continuous current
* Up to 2 Amps peak current
* Very low saturation voltage
* Excellent gain characteristics specified up to 1 Amp
COMPLEMENTARY TYPES - FZT957 - FZT857
FZT958 - N/A
PARTMARKING DETAILS -
DEVICE TYPE IN FULL
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FZT957
FZT958
UNIT
Collector-Base Voltage
VCBO
-300
-400
V
Collector-Emitter Voltage
VCEO
-300
-400
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-2
-1.5
A
Continuous Collector Current
IC
-1
-0.5
A
Power Dissipation at Tamb=25°C
Ptot
3W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 4 square inch minimum
FZT957
FZT958
C
C
E
B
3 - 289




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl