Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM1117M-X Datasheet(PDF) 4 Page - Calogic, LLC

Part # CLM1117M-X
Description  800mA Low Dropout Regulator SCSI-II Active Terminator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM1117M-X Datasheet(HTML) 4 Page - Calogic, LLC

  CLM1117M-X Datasheet HTML 1Page - Calogic, LLC CLM1117M-X Datasheet HTML 2Page - Calogic, LLC CLM1117M-X Datasheet HTML 3Page - Calogic, LLC CLM1117M-X Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACTIVE VS PASSIVE TERMINATION
The improvement in noise immunity and low quiescent power
of the terminator of less than 1W is the key advantage of
active termination compared to passive termination.
The
CLM1117 significantly improves the noise level and signals on
the bus by the terminating point due to variations in voltage at
the termination point due to variation in the Vterm power line.
Another advantage of active termination is the improvement in
the impedance matching. The low impedance of the device
makes the termination resistance more closely matched to the
impedance of the cable.
This improvement increases the
data rate by 10 times, from 1mbyte/s to 10mbyte/s.
The
CLM1117 increases the protection and the reliability of the
application
since
it
features
internal
current
limiting,
overvoltage protection, and thermal protection.
CLM1117
ACTIVE TERMINATION CONFIGURATION
5V
IN5817
TERMPWR
CLM1117-2.85
10
µF
2.85V
110K
+
6 METERS MAX
10
µF
5V
IN5817
CLM1117-2.85
10
µF
2.85V
110K
+
10
µF
110K
6 METERS MAX
110K
110K
110K
UP TO 27 LINES
+
+
1N-15
CORPORATION
Information furnished by Calogic is believed to be accurate and reliable. However, no responsibility is assumed for its use: nor for any infringement of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent rights of Calogic.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


Similar Part No. - CLM1117M-X

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
CLM10D-050 PHIHONG-CLM10D-050 Datasheet
148Kb / 2P
   10W Automobile Charger
CLM10D-050-R PHIHONG-CLM10D-050-R Datasheet
190Kb / 2P
   10W Car Charging Adapter for Portable Electronics
CLM10D-050 PHIHONG-CLM10D-050_14 Datasheet
190Kb / 2P
   10W Car Charging Adapter for Portable Electronics
CLM10D-203M PHIHONG-CLM10D-203M Datasheet
161Kb / 2P
   Dual Output Car Charging Adapter for Portable Electronics
logo
Cree, Inc
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CLM1117M-X

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS1117 ALPHA-AS1117 Datasheet
76Kb / 11P
   800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204 Datasheet
28Kb / 4P
   SCSI-II Active Terminator Preliminary Information
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com