Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP11N40C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP11N40C
Description  N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP11N40C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP11N40C Datasheet HTML 1Page - Fairchild Semiconductor FQP11N40C Datasheet HTML 2Page - Fairchild Semiconductor FQP11N40C Datasheet HTML 3Page - Fairchild Semiconductor FQP11N40C Datasheet HTML 4Page - Fairchild Semiconductor FQP11N40C Datasheet HTML 5Page - Fairchild Semiconductor FQP11N40C Datasheet HTML 6Page - Fairchild Semiconductor FQP11N40C Datasheet HTML 7Page - Fairchild Semiconductor FQP11N40C Datasheet HTML 8Page - Fairchild Semiconductor FQP11N40C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 2013
©2003 Fairchild Semiconductor Corporation
FQP11N40C / FQPF11N40C Rev. C1
www.fairchildsemi.com
1
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQP11N40C
FQPF11N40C
Unit
VDSS
Drain to Source Voltage
400
V
ID
Drain Current
-Continuous (TC = 25oC)
10.5
10.5 *
A
-Continuous (TC = 100oC)
6.6
6.6 *
A
IDM
Drain Current
- Pulsed
(Note 1)
42
42 *
A
VGSS
Gate to Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
360
mJ
IAR
Avalanche Current
(Note 1)
11
A
EAR
Repetitive Avalanche Energy
(Note 1)
13.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25oC)
135
44
W
- Derate above 25oC
1.07
0.35
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
FQP11N40C
FQPF11N40C
Unit
RθJC
Thermal Resistance, Junction to Case, Max
0.93
2.86
°C/W
RθJA
Thermal Resistance, Junction to Ambient, Max
62.5
62.5
°C/W
*Drain current limited by maximum junction temperature
FQP11N40C / FQPF11N40C
N-Channel QFET® MOSFET
400 V, 10.5 A, 530 m
Ω
Features
• 10.5 A, 400 V, RDS(on) = 530 mΩ (Max.) @ VGS = 10 V,
ID = 5.25 A
• Low Gate Charge (Typ. 28 nC)
• Low Crss (Typ. 85 pF)
• 100% Avalanche Tested
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
active power factor correction (PFC), and electronic lamp
ballasts.
TO-220
GD
S
TO-220F
G
DS
G
S
D


Similar Part No. - FQP11N40C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP11N40C FAIRCHILD-FQP11N40C Datasheet
709Kb / 10P
   FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQP11N40C FAIRCHILD-FQP11N40C_08 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results

Similar Description - FQP11N40C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQP11N40C FAIRCHILD-FQP11N40C Datasheet
709Kb / 10P
   FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQU8P10TU FAIRCHILD-FQU8P10TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQD10N20LTM FAIRCHILD-FQD10N20LTM Datasheet
765Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQD4P40TM FAIRCHILD-FQD4P40TM Datasheet
917Kb / 8P
   P-Channel QFET짰 MOSFET -400 V, -2.7 A, 3.1 廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com