Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-C193DAA Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTW-C193DAA
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-C193DAA Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTW-C193DAA Datasheet HTML 3Page - Lite-On Technology Corporation LTW-C193DAA Datasheet HTML 4Page - Lite-On Technology Corporation LTW-C193DAA Datasheet HTML 5Page - Lite-On Technology Corporation LTW-C193DAA Datasheet HTML 6Page - Lite-On Technology Corporation LTW-C193DAA Datasheet HTML 7Page - Lite-On Technology Corporation LTW-C193DAA Datasheet HTML 8Page - Lite-On Technology Corporation LTW-C193DAA Datasheet HTML 9Page - Lite-On Technology Corporation LTW-C193DAA Datasheet HTML 10Page - Lite-On Technology Corporation LTW-C193DAA Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTW-C193DAA
Page :
8
of
11
BNS-OD-C131/A4
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment, communication equipment and household applications).Consult Liteon’s Sales in advance
for information on applications in which exceptional reliability is required, particularly when the failure
or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation,
traffic control equipment, medical and life support systems and safety devices).
2. Storage
The package is sealed:
The LEDs should be stored at 30°C or less and 90%RH or less. And the LEDs are limited to use within
one year, while the LEDs is packed in moisture-proof package with the desiccants inside.
The package is opened:
The storage ambient for the LEDs should not exceed 30°C temperature or 60% relative humidity.
It is recommended that LEDs out of their original packaging are IR-reflowed within 672hrs.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in a sealed
container with appropriate desiccant, or in a desiccators with nitrogen ambient.
LEDs stored out of their original packaging for more than one week should be baked at about 60 deg C for at least
20 hours before solder assembly.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary.
4. Soldering
Recommended soldering conditions:
Reflow soldering
Soldering iron
Pre-heat
Pre-heat time
Peak temperature
Soldering time
150~200°C
120 sec. Max.
260°C Max.
10 sec. Max.(Max. two times)
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Soldering notes:
Because different board designs use different number and types of devices, solder pastes, reflow ovens,
and circuit boards, no single temperature profile works for all possible combinations.
However, you can successfully mount your packages to the PCB by following the proper guidelines and
PCB-specific characterization.
LITE-ON Runs both component-level verification using in-house KYRAMX98 reflow chambers and
board-level assembly.
The results of this testing are verified through post-reflow reliability testing.
Profiles used at LITE-ON are based on JEDEC standards to ensure that all packages can be successfully
and reliably surface mounted.
Figure on page3 shows a sample temperature profile compliant to JEDEC standards.
You can use this example as a generic target to set up your reflow process.
You should adhere to the JEDEC profile limits as well as specifications and recommendations from the
solder paste manufacturer to avoid damaging the device and create a reliable solder joint.


Similar Part No. - LTW-C193DAA

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTW-C193DAA TO-GRACE-LTW-C193DAA Datasheet
816Kb / 13P
   SMD LED
More results

Similar Description - LTW-C193DAA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com