Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SB1230 Datasheet(PDF) 2 Page - Savantic, Inc.

Part No. 2SB1230
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SB1230 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SB1230 Datasheet HTML 1Page - Savantic, Inc. 2SB1230 Datasheet HTML 2Page - Savantic, Inc. 2SB1230 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SB1230
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-5mA;RBE=<
-100
V
V(BR)CBO
Collector-base breakdown voltage
IC=-1mA; IE=0
-110
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA; IC=0
-6
V
VCEsat
Collector-emitter saturation voltage
IC=-6A; IB=-0.6A
-0.8
V
VBE sat
Base-emitter saturation voltage
IC=-6A; IB=-0.6A
-1.5
V
ICBO
Collector cut-off current
VCB=-100V; IE=0
-100
µA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-100
µA
hFE-1
DC current gain
IC=-1.5A ; VCE=-2V
50
140
hFE-2
DC current gain
IC=-6A ; VCE=-2V
20
hFE-1 Classifications
P
Q
50-100
70-140


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn