Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI13N50C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQI13N50C
Description  N-Channel QFET짰 MOSFET 500 V, 13 A, 480 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI13N50C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQI13N50C Datasheet HTML 1Page - Fairchild Semiconductor FQI13N50C Datasheet HTML 2Page - Fairchild Semiconductor FQI13N50C Datasheet HTML 3Page - Fairchild Semiconductor FQI13N50C Datasheet HTML 4Page - Fairchild Semiconductor FQI13N50C Datasheet HTML 5Page - Fairchild Semiconductor FQI13N50C Datasheet HTML 6Page - Fairchild Semiconductor FQI13N50C Datasheet HTML 7Page - Fairchild Semiconductor FQI13N50C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
FQI13N50C Rev. C1
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted.
NOTES:
1. Repetitive Rating : Pulse width limited by maximum junction temperature.
2. L =6.0 mH, IAS = 13A, VDD = 50V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 13A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature.
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FQI13N50C
FQI13N50CTU
I2-PAK
Tube
N/A
50 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 μA
500
--
--
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, Referenced to 25°C
--
0.5
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 500 V, VGS = 0 V
--
--
1
μA
VDS = 400 V, TC = 125°C
--
--
10
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 μA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 6.5 A
--
0.39
0.48
Ω
gFS
Forward Transconductance
VDS = 40 V, ID = 6.5 A
--
15
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1580
2055
pF
Coss
Output Capacitance
--
180
235
pF
Crss
Reverse Transfer Capacitance
--
20
25
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 250 V, ID = 13 A,
RG = 25 Ω
(Note 4)
--
25
60
ns
tr
Turn-On Rise Time
--
100
210
ns
td(off)
Turn-Off Delay Time
--
130
270
ns
tf
Turn-Off Fall Time
--
100
210
ns
Qg
Total Gate Charge
VDS = 400 V, ID = 13 A,
VGS = 10 V
(Note 4)
--
43
56
nC
Qgs
Gate-Source Charge
--
7.5
--
nC
Qgd
Gate-Drain Charge
--
18.5
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
13
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
52
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 13 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 13 A,
dIF / dt = 100 A/μs
--
410
--
ns
Qrr
Reverse Recovery Charge
--
4.5
--
μC


Similar Part No. - FQI13N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI13N50C FAIRCHILD-FQI13N50C Datasheet
647Kb / 9P
   500V N-Channel MOSFET
FQI13N50C FAIRCHILD-FQI13N50C Datasheet
973Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FQI13N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQD10N20LTM FAIRCHILD-FQD10N20LTM Datasheet
765Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQPF11N40CT FAIRCHILD-FQPF11N40CT Datasheet
709Kb / 10P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com