Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N173 Datasheet(PDF) 1 Page - Calogic, LLC

Part # 3N173
Description  Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N173 Datasheet(HTML) 1 Page - Calogic, LLC

  3N173 Datasheet HTML 1Page - Calogic, LLC 3N173 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Diode Protected P-Channel
Enhancement Mode MOSFET
General Purpose Amplifier/Switch
3N172 / 3N173
FEATURES
•• High Input Impedance
•• Diode Protected Gate
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Drain-Source or Drain-Gate Voltage
3N172. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
3N173. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Gate Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
µA
Gate Reverse Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Storage Temperature . . . . . . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature . . . . . . . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 375mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 3.0mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
3N172-73
Hermetic TO-72
-55
oC to +150oC
X3N172-73
Sorted Chips in Carriers
-55
oC to +150oC
CORPORATION
PIN CONFIGURATION
TO-72
G
D
S
C,B
1503Z
DEVICE SCHEMATIC
1
2
0200
3
4
ELECTRICAL CHARACTERISTICS (TA = 25
oC and VBS = 0 unless otherwise specified)
SYMBOL
PARAMETER
3N172
3N173
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
IGSS
Gate Reverse Current
-200
-500
pA
VGS = -20V
-0.5
-1.0
µA
TA = +125
oC
BVGSS
Gate Breakdown Voltage
-40
-125
-30
-125
V
ID = -10
µA
BVDSS
Drain-Source Breakdown Voltage
-40
-30
ID = -10
µA
BVSDS
Source-Drain Breakdown Voltage
-40
-30
IS = -10
µA, VDB = 0
VGS(th)
Threshold Voltage
-2.0
-5.0
-2.0
-5.0
VDS = VGS, ID = -10
µA
-2.0
-5.0
-2.0
-5.0
VDS = -15V, ID = -10
µA
VGS
Gate Source Voltage
-3.0
-6.5
-2.5
-6.5
VDS = -15V, ID = -500
µA
IDSS
Zero Gate Voltage Drain Current
-0.4
-10
nA
VDS = -15V, VGS = 0
ISDS
Zero Gate Voltage Source Current
-0.4
-10
VSD = -15V, VDB = 0, VGD = 0
rDS(on)
Drain Source On Resistance
250
350
ohms
VGS = -20V, ID = -100
µA
ID(on)
On Drain Current
-5.0
-30
-5.0
-30
mA
VDS = -15V, VGS = -10V


Similar Part No. - 3N173

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
3N173 INTERSIL-3N173 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
3N173 NJSEMI-3N173 Datasheet
123Kb / 1P
   (SINGLE, DUAL) MOS FET P-CHANNEL, ENHANCEMENT
logo
Calogic, LLC
3N173 CALOGIC-3N173 Datasheet
41Kb / 2P
   Diode Protected P-Channel
More results

Similar Description - 3N173

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
M116 CALOGIC-M116 Datasheet
19Kb / 1P
   Diode Protected N-Channel Enhancement Mode MOSFET General Purpose Amplifier
3N163 CALOGIC-3N163 Datasheet
28Kb / 2P
   P-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
logo
Intersil Corporation
3N161 INTERSIL-3N161 Datasheet
43Kb / 1P
   DIODE PROTECTED P-CHANNEL ENGANCEMENT MODE MOSFET GENERAL PUROPSE AMPLIFIER/SWITCH
logo
Calogic, LLC
IT1700 CALOGIC-IT1700 Datasheet
21Kb / 2P
   P-Channel Enhancement Mode MOSFET General Purpose Amplifier
3N161 CALOGIC-3N161_15 Datasheet
29Kb / 1P
   Diode Protected P-Channel Enhancement Mode MOSFET
3N190 CALOGIC-3N190 Datasheet
27Kb / 2P
   Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
2N4351 CALOGIC-2N4351 Datasheet
18Kb / 1P
   N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
IT1750 CALOGIC-IT1750 Datasheet
17Kb / 1P
   N-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
2N4351 CALOGIC-2N4351_15 Datasheet
18Kb / 1P
   N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
2N4352 CALOGIC-2N4352_15 Datasheet
124Kb / 1P
   P-Channel Enhancement Mode MOSFET Amplifier/Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com