Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX591 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FCX591
Description  SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FCX591 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FCX591 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR MEDIUM
POWER HIGH PERFORMANCE TRANSISTOR
ISSUE 3 - NOVEMBER 1995
7
PARTMARKING DETAIL -
P1
COMPLEMENTARY TYPE -
FCX491
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO -80
V
IC=-100µA, IE=0
V(BR)CEO -60
V
IC=-10mA, IB=0*
V(BR)EBO -5
V
IE=-100µA, IC=0
Collector Cut-Off Current
ICBO
-100
nA
VCB=-60V
Collector -Emitter Cut-Off
Current
ICES
-100
nA
VCES=-60V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-4V, IC=0
Saturation Voltages
VCE(sat)
-0.3
-0.6
V
V
IC=-500mA,
IB=-50mA*
IC=-1A, IB=-100mA*
VBE(sat)
-1.2
V
IC=-1A, IB=-100mA*
Base-Emitter Turn-on Voltage
VBE(on)
-1.0
V
IC=-1A, VCE=-5V*
Static Forward Current Transfer
Ratio
hFE
100
100
80
15
300
IC=-1mA, VCE=-5V*
IC=-500mA, VCE=-5V*
IC=-1A, VCE=-5V*
IC=-2A, VCE=-5V*
Transition Frequency
fT
150
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
10
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
For typical Characteristics graphs see FMMT591 datasheet
FCX591
3 - 92
C
C
B
E


Similar Part No. - FCX591

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX591 ZETEX-FCX591 Datasheet
21Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FCX591 DIODES-FCX591 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
logo
Shenzhen Jin Yu Semicon...
FCX591 HTSEMI-FCX591 Datasheet
334Kb / 2P
   TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
FCX591 BILIN-FCX591 Datasheet
137Kb / 3P
   PNP Silicon Planar Medium Power High Perormance Transistor
More results

Similar Description - FCX591

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX589 DIODES-FCX589_15 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FCX589TA DIODES-FCX589TA Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
BCX69 DIODES-BCX69_15 Datasheet
22Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
logo
Zetex Semiconductors
FCX591 ZETEX-FCX591 Datasheet
21Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FMMT589 ZETEX-FMMT589 Datasheet
48Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FCX589 ZETEX-FCX589 Datasheet
18Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FZT589 ZETEX-FZT589 Datasheet
43Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com