Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251S48N105KV4H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 251S48N105KV4H
Description  Large Size Capacitor Chips 500 - 5,000 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

251S48N105KV4H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  251S48N105KV4H Datasheet HTML 1Page - List of Unclassifed Manufacturers 251S48N105KV4H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
www.johanson dielectrics.com
Part number written: 501H51W474KV4
How to order
MARKING
4 = Unmarked
3 = Specified
6 = EIA “J” Code
PART MODIFIER
E = 7” Reel Taped
H = High Rel Testing
(Customer Specified)
S = Special Part
4
TERMINATION
V = Ni barrier w/
100% Sn Plating
V
DIELECTRIC
N = NPO
W = X7R
W
CASE SIZE
See Chart
S48
VOLTAGE
501 = 500 V
102 = 1000 V
202 = 2000 V
302 = 3000 V
402 = 4000 V
502 = 5000 V
251
CAPACITANCE
1st two digits are
significant; third digit
denotes number of
zeros.
101 = 100 pF
103 = 0.01 µF
105 = 1.00 µF
106 = 10.0 µF
105
TOLERANCE
J = ± 5%
K = ± 10%
M = ± 20%
Z = +80% -20%
K
MaxiMuM CapaCitanCe vs dC voltage rating
s49 / 1825
500 V
1K V
2K V
3K V
4K V
5K V
Inches
(mm)
NPO
183
123
562
222
122
391
L
.180 ±.010
(4.57 ±.25)
W
.250 ±.010
(6.35 ±.25)
X7R
334
393
153
822
202
821
T
.140 Max.
(3.56 Max)
E/B
.025 ±.015
(0.64±.38)
s47 / 2220
500 V
1K V
2K V
3K V
4K V
5K V
Inches
(mm)
NPO
183
153
562
272
152
471
L
.225 ±.015
(5.72 ±.38)
W
.200 ±.015
(5.08 ±.38)
X7R
334
563
273
103
222
152
T
.150 Max.
(3.81 Max)
E/B
.025 ±.015
(0.64±.38)
s48 / 2225
500 V
1K V
2K V
3K V
4K V
5K V
Inches
(mm)
NPO
273
183
822
332
182
681
L
.225 ±.010
(5.72 ±.25)
W
.255 ±.015
(6.48 ±.38)
X7R
474
683
393
153
562
152
T
.160 Max.
(4.06 Max)
E/B
.025 ±.015
(0.64±.38)
Available capacitance values include the following significant retma values and their multiples:
1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 ( 1.0 = 1.0, 10, 100, 1000, etc.)
Key Features
• Rated Working Voltages from 500 to 15,000 VDC
• Low ESR Ceramic Out-performs Tantalums
• Compact MLC Designs Smaller Than Film or Disc
• MIL-PRF-55681 & Hi-Rel Screened Versions Available
• Custom Sizes, Voltages, and Values Available
appliCations
• Power Supplies
• Surge Protection
• Voltage Multipliers
• Industrial Control Circuits
• Data Isolation
• Custom Applications
Large Size Capacitor Chips 500 - 5,000 VDC


Similar Part No. - 251S48N105KV4H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S48N47101JV4E ETC2-251S48N47101JV4E Datasheet
87Kb / 2P
   Large Size Capacitor Chips 50-5,000 VDC
More results

Similar Description - 251S48N105KV4H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S48N47101JV4E ETC2-251S48N47101JV4E Datasheet
87Kb / 2P
   Large Size Capacitor Chips 50-5,000 VDC
logo
California Micro Device...
PCC CALMIRCO-PCC Datasheet
40Kb / 1P
   Programmable Capacitor Chips
logo
List of Unclassifed Man...
R15-0805 ETC2-R15-0805 Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
NSWC NIC-NSWC Datasheet
99Kb / 3P
   Stacked Film Capacitor Chips
NSPU NIC-NSPU Datasheet
55Kb / 2P
   Stacked Film Capacitor Chips
logo
TDK Electronics
B43652 TDK-B43652 Datasheet
1Mb / 15P
   Large-size capacitors
October 2021
logo
YUXIANG Magnetc materia...
EE85A YUXIANG-EE85A Datasheet
105Kb / 2P
   Large Size Ferrite Cores
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com