Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4640PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGP4640PBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4640PBF Datasheet(HTML) 1 Page - International Rectifier

  IRGP4640PBF Datasheet HTML 1Page - International Rectifier IRGP4640PBF Datasheet HTML 2Page - International Rectifier IRGP4640PBF Datasheet HTML 3Page - International Rectifier IRGP4640PBF Datasheet HTML 4Page - International Rectifier IRGP4640PBF Datasheet HTML 5Page - International Rectifier IRGP4640PBF Datasheet HTML 6Page - International Rectifier IRGP4640PBF Datasheet HTML 7Page - International Rectifier IRGP4640PBF Datasheet HTML 8Page - International Rectifier IRGP4640PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INSULATED GATE BIPOLAR TRANSISTOR
TO-247AC
IRGP4640PbF
TO-247AD
IRGP4640-EP
G C
E
C
G C
E
C
IRGP4640PbF
IRGP4640-EPbF
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
October 29, 2013
1
GC
E
Gate
Collector
Emitter
VCES = 600V
IC = 40A, TC = 100°C
tSC ≥ 5µs, TJ(max) = 175°C
VCE(on) typ. = 1.60V @ IC = 24A
Features
Benefits
Low VCE(ON) and Switching Losses
High efficiency in a wide range of applications and switching
frequencies
Square RBSOA and Maximum Junction Temperature 175°C
Improved reliability due to rugged hard switching performance
and higher power capability
Positive VCE (ON) Temperature Coefficient
Excellent current sharing in parallel operation
5µs short circuit SOA
Enables short circuit protection scheme
Lead-Free, RoHS compliant
Environmentally friendly
Applications
• Inverters
• UPS
• Welding
Absolute Maximum Ratings
Parameter
Max.
Units
V
CES
Collector-to-Emitter Voltage
600
V
I
C @ TC = 25°C
Continuous Collector Current
65
I
C @ TC = 100°C
Continuous Collector Current
40
I
CM
Pulse Collector Current, VGE = 15V
c
72
I
LM
Clamped Inductive Load Current, VGE = 20V
d
96
A
V
GE
Continuous Gate-to-Emitter Voltage
±20
V
Transient Gate-to-Emitter Voltage
±30
P
D @ TC = 25°C
Maximum Power Dissipation
250
W
P
D @ TC = 100°C
Maximum Power Dissipation
125
T
J
Operating Junction and
-40 to +175
T
ST G
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
e
–––
–––
0.60
°C/W
RθCS
Case-to-Sink (flat, greased surface)
–––
0.24
–––
RθJA
Junction-to-Ambient (typical socket mount)
–––
–––
40
E
C
G
n-channel
Form
Quantity
IRGP4640PbF
TO-247AC
Tube
25
IRGP4640PbF
IRGP4640-EPbF
TO-247AD
Tube
25
IRGP4640-EPbF
Base part number
Package Type
Standard Pack
Orderable part number


Similar Part No. - IRGP4640PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4640PBF IRF-IRGP4640PBF Datasheet
415Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP4640PBF IRF-IRGP4640PBF_15 Datasheet
415Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com