Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGP4266-EPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRGP4266-EPBF
Description  Insulated Gate Bipolar Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4266-EPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGP4266-EPBF Datasheet HTML 3Page - International Rectifier IRGP4266-EPBF Datasheet HTML 4Page - International Rectifier IRGP4266-EPBF Datasheet HTML 5Page - International Rectifier IRGP4266-EPBF Datasheet HTML 6Page - International Rectifier IRGP4266-EPBF Datasheet HTML 7Page - International Rectifier IRGP4266-EPBF Datasheet HTML 8Page - International Rectifier IRGP4266-EPBF Datasheet HTML 9Page - International Rectifier IRGP4266-EPBF Datasheet HTML 10Page - International Rectifier IRGP4266-EPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRGP4266PbF/IRGP4266-EPbF
9
www.irf.com
© 2012 International Rectifier
December 13, 2012
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
2x
c
"A"
"A"
E
E2/2
Q
E2
2X
L1
L
D
A
e
2x b2
3x b
LEADTIP
SEE
VIEW"B"
b4
J. F.
B
A
Ø.010
B A
J. Fajardo 1/29/10
A2
A1
Ø.010
B A
D1
S
E1
THERMALPAD
-A-
ØP
Ø.010
B A
VIEW: "B"
SECTION: C-C, D-D, E-E
(b, b2, b4)
(c)
BASEMETAL
PLATING
VIEW: "A" -"A"
YEAR 1 = 2001
DATE CODE
PART NUMBER
INTERNATIONAL
LOGO
RECTIFIER
ASSEMBLY
56
57
IRFPE30
135H
LINE H
indicates "Lead-Free"
WEEK 35
LOT CODE
IN THE ASSEMBLY LINE "H"
ASSEMBLED ON WW 35, 2001
Notes: This part marking information applies to devices produced after 02/26/2001
Note: "P" in assembly line position
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFPE30
LOT CODE 5657
TO-247AC Part Marking Information
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
TO-247AC package is not recommended for Surface Mount Application.


Similar Part No. - IRGP4266-EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4266D-EPBF IRF-IRGP4266D-EPBF Datasheet
753Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
logo
Infineon Technologies A...
IRGP4266D-EPbF INFINEON-IRGP4266D-EPbF Datasheet
869Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
2017-12-18
logo
International Rectifier
IRGP4266DPBF IRF-IRGP4266DPBF Datasheet
753Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP4266DPBF IRF-IRGP4266DPBF Datasheet
884Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
logo
Infineon Technologies A...
IRGP4266DPBF INFINEON-IRGP4266DPBF Datasheet
869Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
2017-12-18
More results

Similar Description - IRGP4266-EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com