Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH50K10DPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRG7PH50K10DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH50K10DPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRG7PH50K10DPBF Datasheet HTML 4Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 5Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 6Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 7Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 8Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 9Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 10Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 11Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
 
IRG7PH50K10DPbF/IRG7PH50K10D-EPbF
TO-247AD Package Outline
Dimensions are shown in millimeters (inches)
TO-247AD Part Marking Information
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
TO-247AD package is not recommended for Surface Mount Application.
AS S E M B L Y
Y E A R 0 = 20 0 0
A S S E M B L E D O N W W 35, 2000
IN T H E A S S E M B LY LIN E "H "
E X A M P L E : T H IS IS A N IR G P 30B 120 K D - E
L O T C O D E 5657
W IT H ASSE M B L Y
PA R T N U M B ER
D A T E CO DE
IN T E R N A T IO N A L
RE C T IF IE R
LO G O
0 35H
5 6
5 7
WE E K 3 5
LIN E H
LO T C O D E
N o te : "P " in assem b ly lin e p o sitio n
in d ic a te s "L ead - F ree"
11
www.irf.com
© 2012 International Rectifier
January 09, 2013


Similar Part No. - IRG7PH50K10DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH50K10DPBF IRF-IRG7PH50K10DPBF Datasheet
546Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG7PH50K10DPBF IRF-IRG7PH50K10DPBF_15 Datasheet
546Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRG7PH50K10DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com