Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH35UD1MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG7PH35UD1MPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH35UD1MPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG7PH35UD1MPBF Datasheet HTML 1Page - International Rectifier IRG7PH35UD1MPBF Datasheet HTML 2Page - International Rectifier IRG7PH35UD1MPBF Datasheet HTML 3Page - International Rectifier IRG7PH35UD1MPBF Datasheet HTML 4Page - International Rectifier IRG7PH35UD1MPBF Datasheet HTML 5Page - International Rectifier IRG7PH35UD1MPBF Datasheet HTML 6Page - International Rectifier IRG7PH35UD1MPBF Datasheet HTML 7Page - International Rectifier IRG7PH35UD1MPBF Datasheet HTML 8Page - International Rectifier IRG7PH35UD1MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.irf.com © 2012 International Rectifier
April 24, 2013
4
IRG7PH35UD1MPbF
Fig. 12 - Typ. Transfer Characteristics
VCE = 50V; tp = 30µs
Fig. 11 - Typical VCE vs. VGE
TJ = 150°C
Fig. 10 - Typical VCE vs. VGE
TJ = 25°C
Fig. 9 - Typical VCE vs. VGE
TJ = -40°C
Fig. 8 - Typ. Diode Forward Voltage Drop
Characteristics
0.0
0.5
1.0
1.5
2.0
VF (V)
0
10
20
30
40
50
60
70
80
25°C
150°C
Fig. 7 - Typ. IGBT Output Characteristics
TJ = 150°C; tp = 30µs
0
2
4
6
8
10
VCE (V)
0
10
20
30
40
50
60
70
80
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
4
8
12
16
20
VGE (V)
1
2
3
4
5
6
7
8
ICE = 10A
ICE = 20A
ICE = 40A
5
101520
VGE (V)
1
2
3
4
5
6
7
8
ICE = 10A
ICE = 20A
ICE = 40A
5
101520
VGE (V)
1
2
3
4
5
6
7
8
ICE = 10A
ICE = 20A
ICE = 40A
4567
89
10
VGE, Gate-to-Emitter Voltage (V)
0
10
20
30
40
50
60
70
80
TJ = 150°C
TJ = 25°C


Similar Part No. - IRG7PH35UD1MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF Datasheet
295Kb / 9P
   Low Switching Losses
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF_15 Datasheet
295Kb / 9P
   Low Switching Losses
More results

Similar Description - IRG7PH35UD1MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF Datasheet
398Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRGI4060DPBF IRF-IRGI4060DPBF Datasheet
319Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGI4045DPBF IRF-IRGI4045DPBF Datasheet
327Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGP4078DPBF IRF-IRGP4078DPBF Datasheet
828Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF Datasheet
406Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF Datasheet
429Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGR2B60KDPBF IRF-IRGR2B60KDPBF Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF_15 Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com