Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG7PH28UD1PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG7PH28UD1PBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH28UD1PBF Datasheet(HTML) 2 Page - International Rectifier

  IRG7PH28UD1PBF Datasheet HTML 1Page - International Rectifier IRG7PH28UD1PBF Datasheet HTML 2Page - International Rectifier IRG7PH28UD1PBF Datasheet HTML 3Page - International Rectifier IRG7PH28UD1PBF Datasheet HTML 4Page - International Rectifier IRG7PH28UD1PBF Datasheet HTML 5Page - International Rectifier IRG7PH28UD1PBF Datasheet HTML 6Page - International Rectifier IRG7PH28UD1PBF Datasheet HTML 7Page - International Rectifier IRG7PH28UD1PBF Datasheet HTML 8Page - International Rectifier IRG7PH28UD1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
 
IRG7PH28UD1PbF/IRG7PH28UD1MPbF
2
www.irf.com
© 2012 International Rectifier
January 8, 2013
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
V
VGE = 0V, IC = 100µA 
V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage
1.4
V/°C VGE = 0V, IC = 1mA (25°C-150°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
1.95
2.30
V
IC = 15A, VGE = 15V, TJ = 25°C
2.4
 
IC = 15A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
V
VCE = VGE, IC = 350µA
gfe
Forward Transconductance
13
S
VCE = 50V, IC = 15A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
1.0
100
µA
VGE = 0V, VCE = 1200V
  
100
VGE = 0V, VCE = 1200V, TJ = 150°C
VFM
Diode Forward Voltage Drop
1.1
1.2
V
IF = 15A
1.0
IF = 15A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±30V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
Qg
Total Gate Charge (turn-on)
60
90
IC = 15A
Qge
Gate-to-Emitter Charge (turn-on)
10
15
nC 
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
27
40
 
VCC = 600V
Eoff
Turn-Off Switching Loss
543
766
µJ
IC = 15A, VCC = 600V, VGE = 15V
RG = 22, L = 1.0mH, TJ = 25°C
td(off)
Turn-Off delay time
229
ns 
Energy losses include tail & diode 
tf
Fall time
62
 
reverse recovery
Eoff
Turn-Off Switching Loss
939
µJ
IC = 15A, VCC = 600V, VGE=15V
RG = 22, L = 1.0mH, TJ = 150°C
td(off)
Turn-Off delay time
272
ns
Energy losses include tail & diode 
tf
Fall time
167
 
reverse recovery
Cies
Input Capacitance
1160
VGE = 0V
Coes
Output Capacitance
55
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
30
f = 1.0Mhz
TJ = 150°C, IC = 60A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 960V, Vp ≤ 1200V
Rg = 22
, VGE = +20V to 0V
Notes:
VCC = 80% (VCES), VGE = 20V, L = 25µH, RG = 22.
Pulse width limited by max. junction temperature.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
Ris measured at TJ of approximately 90°C.
FBSOA operating conditions only.
VGE = 0V, TJ = 75°C, PW ≤ 10µs.
Thermal Resistance
  
 
Parameter
Min.
Typ.
Max.
Units
RθJC (IGBT) Junction-to-Case (IGBT) 
–––
–––
1.09
RθJC (Diode) Junction-to-Case (Diode) 
–––
–––
1.35
°C/W
RθCS
Case-to-Sink (flat, greased surface)
–––
0.24
–––
RθJA
Junction-to-Ambient (typical socket mount)
–––
–––
40


Similar Part No. - IRG7PH28UD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF Datasheet
398Kb / 10P
   Low switching losses
IRG7PH28UD1PBF IRF-IRG7PH28UD1PBF_15 Datasheet
398Kb / 10P
   Low switching losses
More results

Similar Description - IRG7PH28UD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH35UD1MPBF IRF-IRG7PH35UD1MPBF Datasheet
295Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRG7PH42UD1MPBF IRF-IRG7PH42UD1MPBF Datasheet
276Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE
IRGI4060DPBF IRF-IRGI4060DPBF Datasheet
319Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGI4045DPBF IRF-IRGI4045DPBF Datasheet
327Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA FAST RECOVERY DIODE
IRGP4078DPBF IRF-IRGP4078DPBF Datasheet
828Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH35UD1PBF IRF-IRG7PH35UD1PBF Datasheet
406Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF Datasheet
429Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGP4068DPBF IRF-IRGP4068DPBF Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS
IRGR2B60KDPBF IRF-IRGR2B60KDPBF Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
IRGR2B60KDPBF IRF-IRGR2B60KDPBF_15 Datasheet
751Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-FAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com