Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L788CQ Datasheet(PDF) 7 Page - Exar Corporation

Part # XR16L788CQ
Description  HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L788CQ Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR16L788CQ Datasheet HTML 3Page - Exar Corporation XR16L788CQ Datasheet HTML 4Page - Exar Corporation XR16L788CQ Datasheet HTML 5Page - Exar Corporation XR16L788CQ Datasheet HTML 6Page - Exar Corporation XR16L788CQ Datasheet HTML 7Page - Exar Corporation XR16L788CQ Datasheet HTML 8Page - Exar Corporation XR16L788CQ Datasheet HTML 9Page - Exar Corporation XR16L788CQ Datasheet HTML 10Page - Exar Corporation XR16L788CQ Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
XR16L788
7
REV. 1.2.3
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
1.0
DESCRIPTION
The XR16L788 (788) integrates the functions of 8 enhanced 16550 UARTs, a general purpose 16-bit timer/
counter and an on-chip oscillator. The device configuration registers include a set of four consecutive interrupt
source registers that provides interrupt-status for all 8 UARTs, timer/counter and a sleep wake up indicator.
Each UART channel has its own 16550 UART compatible configuration register set for individual channel
control, status, and data transfer. Additionally, each UART channel has 64-byte of transmit and receive FIFOs,
automatic RTS/CTS or DTR/DSR hardware flow control with hysteresis control, automatic Xon/Xoff and special
character software flow control, programmable transmit and receive FIFO trigger levels, FIFO level counters,
infrared encoder and decoder (IrDA ver. 1.0), programmable baud rate generator with a prescaler of divide by
1 or 4, and data rate up to 6.25 Mbps with 8X sampling clock or 3.125Mbps with 16X sampling clock. The
XR16L788 is a 5V and 3.3V device with 5 volt tolerant inputs (except XTAL1).
2.0
FUNCTIONAL DESCRIPTIONS
2.1
Device Reset
2.1.1
Hardware Reset
The RST# input resets the internal registers and the serial interface outputs in all 8 channels to their default
state (see Table 19). A LOW pulse of longer than 40 ns duration will be required to activate the reset function
in the device.
2.1.2
Software Reset
The internal registers of each UART can be reset by writing to the RESET register in the Device Configuration
Registers. For more details, see the RESET register description on page 25.
2.2
UART Channel Selection
The UART provides the user with the capability to bi-directionally transfer information between an external
CPU and an external serial communication device. A logic 0 on the chip select pins, CS#, allows the user to
select one of the UART channels to configure, send transmit data and/or unload receive data to/from the
UART. When address line A7 = 0, address lines A6:A4 are used to select one of the eight channels. See
Table 1 below for UART channel selection.
2.3
Simultaneous Write to All Channels
During a write cycle, the setting of REGB bit-0 to a logic 1 will override the channel selection of address A6:A4
and allow a simultaneous write to all 8 UART channels when any channel is written to.
This functional
capability allow the registers in all 8 UART channels to be modified concurrently, saving individual channel
initialization time. Caution should be considered, however, when using this capability. Any in-process serial
data transfer may be disrupted by changing an active channel’s mode. Also, REGB bit-0 should be reset to a
logic 0 before attempting to read from the UART.
TABLE 1: UART CHANNEL SELECTION
A7
A6
A5
A4
FUNCTION
0
0
0
0
Channel 0 Selected
0
0
0
1
Channel 1 Selected
0
0
1
0
Channel 2 Selected
0
0
1
1
Channel 3 Selected
0
1
0
0
Channel 4 Selected
0
1
0
1
Channel 5 Selected
0
1
1
0
Channel 6 Selected
0
1
1
1
Channel 7 Selected


Similar Part No. - XR16L788CQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788CQ EXAR-XR16L788CQ Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
XR16L788CQ EXAR-XR16L788CQ Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ EXAR-XR16L788CQ Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results

Similar Description - XR16L788CQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com