Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAC221TFQT Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PAC221TFQT
Description  P/ACTIVE EMI/RFITAPPED FILTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PAC221TFQT Datasheet(HTML) 1 Page - California Micro Devices Corp

  PAC221TFQT Datasheet HTML 1Page - California Micro Devices Corp PAC221TFQT Datasheet HTML 2Page - California Micro Devices Corp PAC221TFQT Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
6/7/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
PACTF
C1090600
P/ACTIVE EMI/RFI TAPPED FILTER
Features
• 8 Filter Channels in Miniature QSOP Package
• Ideal Frequency Response to Over 3 GHz
• Low In-Band Insertion Loss Maintains Signal Integrity
• Low Distortion Low Cross Talk
• ESD Protected
Applications
• EMI/RFI Filter
• Low Pass Filter
• SCSI Port Filter
• LCD Panel Display Filter
Product Description
Note: CAMDs P/Active Tapped Filters are a higher performance, upgraded versions of the original PRC201/211/221 series
which provides 2KV ESD protection, minimized lead inductance and parasitic capacitive effects (with added ground pins), and
improved crosstalk and filter performance characteristics at high data transmission rates. They exhibit almost ideal RC charac-
teristics to 3GHz. The PACTF series is recommended for all new designs.
CAMDs P/Active Tapped Filter is a highly integrated thin film resistor-capacitor network designed to suppress EMI/RFI noise at
I/O ports of personal computers and peripherals, workstations, Local Area Network (LAN), Asynchronous Transfer Mode
(ATM), and Wide Area Network (WAN). The filter includes ESD protection circuitry which prevents device destruction when
subjected to ESD discharges of greater than 2KV. The ESD protection circuitry permits the filter to operate on bipolar signals
of up to ±6V. CAMDs PACTF is housed in a surface mount package suitable for bottom side mounting to the board. This
integrated network solution minimizes space and routing problems and improves reliability and yields.
Why P/Active EMI/RFI filters? EMI/RFI filters are needed to suppress noise at low and high frequencies of the signal. Ferrite
beads, commonly used for EMI/RFI filtering, are bulky and ineffective at low frequencies and have saturation problems at high
frequencies. Resistor-capacitor networks offer the best technical approach for effective EMI/RFI filtering. Also, conventional
thick film-based EMI/RFI filters do not effectively suppress noise at high frequencies.
Pin Assignments
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
Filt1
Filt2
Filt3
GND
Filt4
Filt5
GND
Filt6
Filt7
Filt8
GND
GND
Filt1
Filt2
Filt3
GND
Filt4
Filt5
GND
Filt6
Filt7
Filt8
GND
STANDARD SPECIFICATIONS
Absolute Tolerance (R)
±10%
Absolute Tolerance (C)
±10%
Absolute Tolerance (C=15pF)
±20%
Operating Temperature Range
0OC to 70OC
Power Rating/Resistor
100mW
Leakage Current
1 µA @ 25OC max.
Crosstalk
< 5% (typical)
(see Test Circuit)
ESD Clamp
Positive Clamp
> 6 Volts
Negative Clamp
< -6 Volts
ESD Protection
> 2 KV
Storage Temperature
-65OC to +150OC
Package Power Rating
1.00W, max.
SCHEMATIC CONFIGURATION
20
21
22
23
24
19 18
17
16
15
14
13
12
11
12
345
6
7
8
9
10


Similar Part No. - PAC221TFQT

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
PAC22140 QORVO-PAC22140 Datasheet
1Mb / 67P
   10S-20S Intelligent BMS with Integrated MCU and Cell Balancing
Rev. E.0 31 January 2024
PAC22140-T QORVO-PAC22140-T Datasheet
1Mb / 67P
   10S-20S Intelligent BMS with Integrated MCU and Cell Balancing
Rev. E.0 31 January 2024
PAC22140SR QORVO-PAC22140SR Datasheet
1Mb / 67P
   10S-20S Intelligent BMS with Integrated MCU and Cell Balancing
Rev. E.0 31 January 2024
logo
California Micro Device...
PAC221QR CALMIRCO-PAC221QR Datasheet
62Kb / 3P
   P/ACTIVE EMI/RFI T FILTER
PAC221QT CALMIRCO-PAC221QT Datasheet
62Kb / 3P
   P/ACTIVE EMI/RFI T FILTER
More results

Similar Description - PAC221TFQT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACT CALMIRCO-PACT Datasheet
62Kb / 3P
   P/ACTIVE EMI/RFI T FILTER
logo
Powerbox
QPI-3L POWERBOX-QPI-3L Datasheet
1Mb / 1P
   ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-8 VICOR-QPI-8 Datasheet
1Mb / 17P
   AdvancedTCA??Hot-Swap with Active EMI Filter
QPI-8L VICOR-QPI-8L Datasheet
259Kb / 8P
   AdvencedTCA Hot-Swap Sip With Active EMI Filter
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
   14A Active EMI Filter SIP for 48 Vdc Bus
QPI-1L VICOR-QPI-1L Datasheet
238Kb / 8P
   12 Amp Active EMI Filter for 48V DC Bus
QPI-2L VICOR-QPI-2L Datasheet
206Kb / 8P
   12 Amp Active EMI Filter for 24V DC Bus
QPI-3L VICOR-QPI-3L Datasheet
128Kb / 8P
   7 Amp Active EMI Filter for 24V DC Bus
QPI-5L VICOR-QPI-5L Datasheet
128Kb / 8P
   14 Amp Active EMI Filter for 24V DC Bus
QPI-6L VICOR-QPI-6L Datasheet
162Kb / 8P
   14 Amp Active EMI Filter for 48V DC Bus
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com