Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTW-191TL5 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part No. LTW-191TL5
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-191TL5 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTW-191TL5 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-191TL5 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-191TL5 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-191TL5 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-191TL5 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-191TL5 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-191TL5 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-191TL5 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-191TL5 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Electrical
Optical
Characteristics
At
Ta=25℃
Parameter
Symbol
Part No.
LTW-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
191TL5
78.0
mcd
IF = 5mA
Note 1, 2, 5
Viewing Angle
2θ1/2
191TL5
130
deg
Fig.6
x
0.31
Chromaticity Coordinates
y
191TL5
0.32
IF = 5mA
Note 3, 5
Fig.1
Forward Voltage
VF
191TL5
2.70
2.85
3.0
V
IF = 5mA
Reverse Current
IR
191TL5
10
µA
VR = 5V
Note : 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. Iv classification code is marked on each packing bag.
3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5. Tester
PR704 is for the chromaticity coordinates (x, y).
EG&G is for Iv
6. The chromaticity coordinates (x, y) guarantee should be added ± 0.01 tolerance.
Part
No. : LTW-191TL5
Page :
3
of
11
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn