Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LTW-191TL5 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part No. LTW-191TL5
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTW-191TL5 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Absolute
Maximum
Ratings
At
Ta=25℃
Parameter
LTW-191TL5
Unit
Power Dissipation
70
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
20
mA
Derating Linear From 25°C
0.25
mA/°C
Reverse Voltage
5
V
Operating Temperature Range
-20°C to + 80°C
Storage Temperature Range
-55°C to + 105°C
Wave Soldering Condition
260°C For 5 Seconds
Suggest IR Reflow Condition :
R ecom m ended P rofile B e tw een A ss e m b le A n d H eat-R esista nc e L ine
T h e P ro file is a v a ila b le th a t m u st to u s e S n A g
C u
s o ld e r p a s te
Part
No. : LTW-191TL5
Page :
2
of
11
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn