Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAC680R6GQT Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PAC680R6GQT
Description  EMI/RFIT-FILTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PAC680R6GQT Datasheet(HTML) 2 Page - California Micro Devices Corp

  PAC680R6GQT Datasheet HTML 1Page - California Micro Devices Corp PAC680R6GQT Datasheet HTML 2Page - California Micro Devices Corp PAC680R6GQT Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2000 California Micro Devices Corp. All rights reserved.
7/17/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
PACR6G
CALIFORNIA MICRO DEVICES
Signal at Termination and Victim Line (TA = 25OC) (See Test Circuit)
Channel 1 (500mV/division) Termination Signal, Channel 2 (50mV/division) Victim Voltage. The victim voltage crosstalk
measures 35mV in the critical areas around the system clock. The system clock occurs approximately 4ns before
each data transition. The horizontal dashed lines are 35mV apart. The time scale is 5.0ns/division. (The signal voltage
rise and fall times have been adjusted at the driver to conform to Intel specifications.) Measurements made using
Tektronix TDS820 6 GHz Digitizing Oscilloscope with P6207 FET Probes.
Channel 1
Channel 2
:35mV
Test Circuit Block Diagram


Similar Part No. - PAC680R6GQT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC680R4GQR CALMIRCO-PAC680R4GQR Datasheet
87Kb / 3P
   HIGH PERFORMANCE BUS TERMINATION NETWORK
PAC680R4GQT CALMIRCO-PAC680R4GQT Datasheet
87Kb / 3P
   HIGH PERFORMANCE BUS TERMINATION NETWORK
PAC680RGQ CALMIRCO-PAC680RGQ Datasheet
88Kb / 3P
   P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PAC680RGQ/R CALMIRCO-PAC680RGQ/R Datasheet
88Kb / 3P
   P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PAC680RGQ/T CALMIRCO-PAC680RGQ/T Datasheet
88Kb / 3P
   P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
More results

Similar Description - PAC680R6GQT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC200 CALMIRCO-PRC200 Datasheet
44Kb / 2P
   EMI/RFIT-FILTER
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
   EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
   EMI filter
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
   EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
   EMI FILTER
864-06-007 QUALTEK-864-06-007 Datasheet
286Kb / 1P
   EMI FILTER
864-10-009 QUALTEK-864-10-009 Datasheet
268Kb / 1P
   EMI FILTER
880-06-006 QUALTEK-880-06-006 Datasheet
277Kb / 1P
   EMI FILTER
882-03-001 QUALTEK-882-03-001 Datasheet
295Kb / 1P
   EMI FILTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com