Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACS1284-06 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # PACS1284-06
Description  P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACS1284-06 Datasheet(HTML) 5 Page - California Micro Devices Corp

  PACS1284-06 Datasheet HTML 1Page - California Micro Devices Corp PACS1284-06 Datasheet HTML 2Page - California Micro Devices Corp PACS1284-06 Datasheet HTML 3Page - California Micro Devices Corp PACS1284-06 Datasheet HTML 4Page - California Micro Devices Corp PACS1284-06 Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
8/25/2000
5
PACS1284-06
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Figure 4 shows typical Insertion Loss graphs for the PACS1284-06 for Data and Strobe signals. The curves are
dependent on the physical location of the filter elements with respect to the ground and V
CC terminals of the device.
These graphs are measured in a 50 Ohm environment. The signal is introduced at the series resistor input and the
output is measured at the corresponding filter capacitor. The graphs labeled A,B, and C are measured between 14
(input) and 16 (output), pin 3 (input) and 26 (output), and pin 6 (input) and 23 (output), respectively. The A graph
depicts “worst case” filter performance, while C represents a “best case” situation. Graphs of all other filter elements
will fall in between these two.
Figure 4. Typical Filter Insertion Loss for PACS1284-06 (S
12 in dB, TA = 25
O C)
Filter insertion loss is measured using Hewlett Packard HP 8753C Analyzer
0
-10
-20
-30
-40
-50
S
in dB
A
B
C
12
300
450
(FREQUENCY, MHz)
600
750
900
1050
1200


Similar Part No. - PACS1284-06

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACS1284-02 CALMIRCO-PACS1284-02 Datasheet
114Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284-02Q CALMIRCO-PACS1284-02Q Datasheet
114Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284-02QR CALMIRCO-PACS1284-02QR Datasheet
114Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284-02QT CALMIRCO-PACS1284-02QT Datasheet
114Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284-04 CALMIRCO-PACS1284-04 Datasheet
114Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
More results

Similar Description - PACS1284-06

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC1284 CALMIRCO-PAC1284 Datasheet
116Kb / 2P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284 CALMIRCO-PACSZ1284 Datasheet
112Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
SUPER1284 CALMIRCO-SUPER1284 Datasheet
398Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284 CALMIRCO-PACS1284 Datasheet
114Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284 CALMIRCO-PACSZ1284_06 Datasheet
199Kb / 7P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
Vishay Siliconix
VSSX1284 VISHAY-VSSX1284 Datasheet
107Kb / 3P
   25 Mil Pitch, IEEE 1284 Termination Network Resistor, Capacitor, Diode
Revision: 03-Jul-08
logo
California Micro Device...
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
   P/ACTIVE AC TERMINATION NETWORK
logo
List of Unclassifed Man...
QRC1284 ETC-QRC1284 Datasheet
139Kb / 2P
   TaNCap IEEE 1284 Integrated Filter Network
logo
IRC - a TT electronics ...
GUS-QRC1284X2-1-KM IRCTT-GUS-QRC1284X2-1-KM Datasheet
540Kb / 3P
   TaNCap IEEE 1284 Integrated Filter Network
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com